Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C4M16SA-6TCN Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C4M16SA-6TCN
Description  Fully synchronous operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16SA-6TCN Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16SA-6TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16SA-6TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16SA-6TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16SA-6TCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16SA-6TCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C4M16SA-6TCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C4M16SA-6TCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C4M16SA-6TCN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C4M16SA-6TCN Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
AS4C4M16SA-C&I
Confidential
10
Rev.3.0
Mar./2015
6 Write command
(RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "L", A0-A7 = Column Address)
The Write command is used to write a burst of data on consecutive clock cycles from an active row in an active
bank. The bank must be active for at least tRCD(min.) before the Write command is issued. During write bursts,
the first valid data-in element will be registered coincident with the Write command. Subsequent data elements
will be registered on each successive positive clock edge (refer to the following figure). The DQs remain with
high-impedance at the end of the burst unless another command is initiated. The burst length and burst
sequence are determined by the mode register, which is already programmed. A full-page burst will continue
until terminated (at the end of the page it will wrap to column 0 and continue).
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN A1
DIN A2
DIN A3
d
on’t care
T7
T8
COMMAND
NOP
WRITE A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
The first data element and the write
are registered on the same clock edge
Figure 10. Burst Write Operation (Burst Length = 4)
A write burst without the auto precharge function may be interrupted by a subsequent Write,
BankPrecharge/PrechargeAll, or Read command before the end of the burst length. An interrupt coming from
Write command can occur on any clock cycle following the previous Write command (refer to the following
figure).
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN B0
DIN B1
DIN B2
DIN B3
T7
T8
COMMAND
NOP
WRITE A
WRITE B
NOP
NOP
NOP
NOP
NOP
NOP
Figure 11. Write Interrupted by a Write (Burst Length = 4)
The Read command that interrupts a write burst without auto precharge function should be issued one cycle
after the clock edge in which the last data-in element is registered. In order to avoid data contention, input data
must be removed from the DQs at least one clock cycle before the first read data appears on the outputs (refer
to the following figure). Once the Read command is registered, the data inputs will be ignored and writes will
not be executed.
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
WRITE A
READ B
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DIN A0
d
on’t care
DIN A0
d
on’t care
d
on’t care
Input data must be removed from the DQ at
least one clock cycle before the Read data
appears on the outputs to avoid data contention
Figure 12. Write Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)


Similar Part No. - AS4C4M16SA-6TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16SA-6TAN ALSC-AS4C4M16SA-6TAN Datasheet
1Mb / 54P
   Fully synchronous operation
More results

Similar Description - AS4C4M16SA-6TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com