Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C4M16D1A-5TAN Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C4M16D1A-5TAN
Description  AEC-Q100 Compliant
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16D1A-5TAN Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16D1A-5TAN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CK. Table 3 shows
the truth table for the operation commands.
Table 3. Truth Table (Note (1), (2))
Command
State
CKEn-1 CKEn DM BA0,1 A10
A0-9,11
CS RAS CAS WE
BankActivate
Idle(3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
X
V
L
Column
address
(A0 ~ A7)
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
X
V
H
L
H
L
L
Read
Active(3)
H
X
X
V
L
Column
address
(A0 ~ A7)
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
X
V
H
L
H
L
H
(Extended) Mode Register Set
Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
H
X
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Precharge Power Down Mode
Entry
Idle
H
L
X
X
X
X
H
X
X
X
L
H
H
H
Precharge Power Down Mode
Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Active Power Down Mode
Entry
Active
H
L
X
X
X
X
H
X
X
X
L
V
V
V
Active Power Down Mode
Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Input Mask Disable
Active
H
X
L
X
X
X
X
X
X
X
Data Input Mask Enable(5)
Active
H
X
H
X
X
X
X
X
X
X
Note: 1. V=Valid data, X=Don't Care, L=Low level, H=High level
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BA signal.
4. Device state is 2, 4, 8, burst operation.
5. LDM and UDM can be enabled respectively.
AS4C4M16D1A-5TAN
Confidential
- 7/54 -
Rev.1.0 Dec 2015


Similar Part No. - AS4C4M16D1A-5TAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16D1A-5TCN ALSC-AS4C4M16D1A-5TCN Datasheet
1Mb / 54P
   Internal pipeline architecture
AS4C4M16D1A-5TIN ALSC-AS4C4M16D1A-5TIN Datasheet
1Mb / 54P
   Internal pipeline architecture
More results

Similar Description - AS4C4M16D1A-5TAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D3LA-12BAN ALSC-AS4C128M16D3LA-12BAN Datasheet
2Mb / 83P
   AEC-Q100 Compliant
4GB-AUTO-AS4C512M8D3 ALSC-4GB-AUTO-AS4C512M8D3 Datasheet
4Mb / 83P
   AEC-Q100 Compliant
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com