Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS54L-5A-40V-DO-214AA Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SS54L-5A-40V-DO-214AA
Description  5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS54L-5A-40V-DO-214AA Datasheet(HTML) 1 Page - Nanjing International Group Co

  SS54L-5A-40V-DO-214AA Datasheet HTML 1Page - Nanjing International Group Co SS54L-5A-40V-DO-214AA Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0 AMP
SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
Operating
Storage Temperature Range TSTG
Temperature Range Tj
5.0
150
0.1
10
10
-65
+150
-65
+150
V
V
V
A
V
mA
mA
pF
C
C
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.093 grams
SS54L THRU SS510L
VOLTAGE RANGE
40 to100 Volts
CURRENT
5.0 Ampere
UNITS
V
Typical Thermal Resistance RqJA (Note 2)
/W
S
S54L
S
S56L
S
S510L
40
60
100
2
8
42
70
0.
45
0.
55
0.65
380
40
60
100
Dimensions in inches and (millimeters)
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
DO-214AA(SMB)
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.111(2.84)
.091(2.33)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.


Similar Part No. - SS54L-5A-40V-DO-214AA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS54L LUGUANG-SS54L Datasheet
167Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SS54L JUXING-SS54L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
SS54L JUXING-SS54L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
Bytesonic Electronics C...
SS54L BYTESONIC-SS54L Datasheet
363Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SS54L CHONGQING-SS54L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS54L-5A-40V-DO-214AA

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS510L-5A-100V-DO-214AA DGNJDZ-SS510L-5A-100V-DO-214AA Datasheet
305Kb / 2P
   5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
SS56L-5A-60V-DO-214AA DGNJDZ-SS56L-5A-60V-DO-214AA Datasheet
305Kb / 2P
   5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK54BL SECOS-SK54BL Datasheet
140Kb / 2P
   Low Vf low ir 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Comchip Technology
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com