Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDM4-600LR Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CDM4-600LR
Description  Low gate charge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CDM4-600LR Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CDM4-600LR Datasheet HTML 1Page - Central Semiconductor Corp CDM4-600LR Datasheet HTML 2Page - Central Semiconductor Corp CDM4-600LR Datasheet HTML 3Page - Central Semiconductor Corp CDM4-600LR Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDM4-600LR
SURFACE MOUNT SILICON
N-CHANNEL
LR POWER MOSFET
4.0 AMP, 600 VOLT
DPAK CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Gate
2) Drain
3) Source
4) Drain
Pin 2 is common to the tab (4)
MARKING: FULL PART NUMBER
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS - Continued: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
UNITS
Qg(tot)
VDS=480V, VGS=10V, ID=4.0A (Note 2)
11.59
nC
Qgs
VDS=480V, VGS=10V, ID=4.0A (Note 2)
2.04
nC
Qgd
VDS=480V, VGS=10V, ID=4.0A (Note 2)
6.09
nC
td(on)
VDD=300V, VGS=10V, ID=4.0A, RG=25Ω (Note 2)
8.0
ns
tr
VDD=300V, VGS=10V, ID=4.0A, RG=25Ω (Note 2)
24
ns
td(off)
VDD=300V, VGS=10V, ID=4.0A, RG=25Ω (Note 2)
33
ns
tf
VDD=300V, VGS=10V, ID=4.0A, RG=25Ω (Note 2)
24
ns
trr
VGS=0, IS=4.0A, di/dt=100A/μs (Note 2)
211
ns
Qrr
VGS=0, IS=4.0A, di/dt=100A/μs (Note 2)
1.7
μC
Note 2: Pulse Width < 300μs, Duty Cycle < 2%
www.centr a lsemi.com
R2 (10-August 2015)


Similar Part No. - CDM4-600LR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDM4-650 CENTRAL-CDM4-650 Datasheet
902Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL MEDIUM POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
CDM4-650 DOINGTER-CDM4-650 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - CDM4-600LR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
   Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
   Low gate charge.
logo
Advanced Power Electron...
AP4513GD A-POWER-AP4513GD_14 Datasheet
89Kb / 7P
   Low Gate Charge
logo
Kersemi Electronic Co.,...
KSMF7N65 KERSEMI-KSMF7N65 Datasheet
713Kb / 4P
   Low gate charge.
KSMD220N KERSEMI-KSMD220N Datasheet
655Kb / 4P
   Low gate charge.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com