Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4075BM1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4075BM1
Description  TRIPLE 3 INPUT OR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4075BM1 Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4075BM1 Datasheet HTML 1Page - STMicroelectronics HCF4075BM1 Datasheet HTML 2Page - STMicroelectronics HCF4075BM1 Datasheet HTML 3Page - STMicroelectronics HCF4075BM1 Datasheet HTML 4Page - STMicroelectronics HCF4075BM1 Datasheet HTML 5Page - STMicroelectronics HCF4075BM1 Datasheet HTML 6Page - STMicroelectronics HCF4075BM1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HCF4075B
4/7
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)


Similar Part No. - HCF4075BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4075BM1 STMICROELECTRONICS-HCF4075BM1 Datasheet
281Kb / 11P
   OR GATE
More results

Similar Description - HCF4075BM1

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
   Triple 3-input OR gate
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
   Triple 3-input OR gate
Rev. 4 - 4 February 2019
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
   Triple 3-input OR Gate
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
   Triple 3-input OR gate
December 1990
logo
Toshiba Semiconductor
TC74HC4075AP TOSHIBA-TC74HC4075AP Datasheet
176Kb / 4P
   TRIPLE 3-INPUT OR GATE
logo
National Semiconductor ...
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
   Triple 3-Input OR Gate
logo
Nexperia B.V. All right...
74HCT4075-Q100 NEXPERIA-74HCT4075-Q100 Datasheet
218Kb / 12P
   Triple 3-input OR gate
Rev. 2 - 4 February 2019
logo
NXP Semiconductors
HEF4075B PHILIPS-HEF4075B Datasheet
25Kb / 3P
   Triple 3-input OR gate
January 1995
logo
STMicroelectronics
M54HC4075 STMICROELECTRONICS-M54HC4075 Datasheet
232Kb / 9P
   TRIPLE 3 INPUT OR GATE
M74HC4075 STMICROELECTRONICS-M74HC4075 Datasheet
190Kb / 8P
   TRIPLE 3-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com