Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLT725608-12FB Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GLT725608-12FB
Description  Ultra High Performance 32K x 8 Bit CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT725608-12FB Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GLT725608-12FB Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT725608-12FB Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT725608-12FB Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT725608-12FB Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT725608-12FB Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT725608-12FB Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT725608-12FB Datasheet HTML 10Page - List of Unclassifed Manufacturers GLT725608-12FB Datasheet HTML 11Page - List of Unclassifed Manufacturers GLT725608-12FB Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
G -LINK
GLT725608
Ultra High Performance 32K x 8 Bit CMOS STATIC RAM
Feb, 2001(Rev.2.4)
G-Link Technology
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
6F, No. 24-2, Industry E, RD, IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 8 -
Ordering Information
Part Number
SPEED
POWER
PACKAGE
GLT725608-12J3
12ns
Normal
SOJ 300mil 28L
GLT725608-15J3
15ns
Normal
SOJ 300mil 28L
GLT725608-20J3
20ns
Normal
SOJ 300mil 28L
GLT725608-12TS
12ns
Normal
TSOP 28L
GLT725608-15TS
15ns
Normal
TSOPI 28L
GLT725608-20TS
20ns
Normal
TSOPI 28L
GLT725608-12TC
12ns
Normal
TSOPII 28L
GLT725608-15TC
15ns
Normal
TSOPII 28L
GLT725608-20TC
20ns
Normal
TSOPII 28L
GLT725608-12FB
12ns
Normal
SOP 330mil 28L
GLT725608-15FB
15ns
Normal
SOP 330mil 28L
GLT725608-20FB
20ns
Normal
SOP 330mil 28L
Parts Numbers (Top Mark) Definition :
GLT 7 256
08
I - 12 TC
4 : DRAM
6 : Standard
SRAM
7 : Cache SRAM
8 : Synchronous
Burst SRAM
-SRAM
064 : 8K
256 : 256K
512 : 512K
100 : 1M
-DRAM
10 : 1M(C/EDO)*
11 : 1M(C/FPM)*
12 : 1M(H/EDO)*
13 : 1M(H/FPM)*
20 : 2M(EDO)
21 : 2M(FPM)
40 : 4M(EDO)
41 : 4M(FPM)
80 : 8M(EDO)
81 : 8M(FPM)
160 : 16M(EDO)
161 : 16M(FPM)
VOLTAGE
Blank : 5V
L : 3.3V
M : 2.5V
N : 2.1V
CONFIG.
04 : x04
08 : x08
16 : x16
32 : x32
SPEED
-SRAM
12 : 12ns
15 : 15ns
20 : 20ns
70 : 70ns
-DRAM
35 : 35ns
40 : 40ns
45 : 45ns
50 : 50ns
60 : 60ns
PACKAGE
T : PDIP(300mil)
TS : TSOP(Type I)
TC : TSOP(Type ll)
PL : PLCC
FA : 300mil SOP
FB : 330mil SOP
FC : 445mil SOP
J3 : 300mil SOJ
J4 : 400mil SOJ
P : PDIP(600mil)
Q : PQFP
TQ : TQFP
Temperature Range
E : Extended Temperature
I : Industrial Temperature
Blank : Commercial Temperature


Similar Part No. - GLT725608-12FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT7256L08 ETC1-GLT7256L08 Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
GLT7256L08-10J3 ETC1-GLT7256L08-10J3 Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
GLT7256L08-10TS ETC1-GLT7256L08-10TS Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
GLT7256L08-12J3 ETC1-GLT7256L08-12J3 Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
GLT7256L08-12TS ETC1-GLT7256L08-12TS Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
More results

Similar Description - GLT725608-12FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT7256L08 ETC1-GLT7256L08 Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
logo
Samsung semiconductor
K6E0808C1E-C SAMSUNG-K6E0808C1E-C Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com