Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPF-7141 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # ACPF-7141
Description  Bandpass Filter for LTE Band 41
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPF-7141 Datasheet(HTML) 5 Page - Broadcom Corporation.

  ACPF-7141 Datasheet HTML 1Page - Broadcom Corporation. ACPF-7141 Datasheet HTML 2Page - Broadcom Corporation. ACPF-7141 Datasheet HTML 3Page - Broadcom Corporation. ACPF-7141 Datasheet HTML 4Page - Broadcom Corporation. ACPF-7141 Datasheet HTML 5Page - Broadcom Corporation. ACPF-7141 Datasheet HTML 6Page - Broadcom Corporation. ACPF-7141 Datasheet HTML 7Page - Broadcom Corporation. ACPF-7141 Datasheet HTML 8Page - Broadcom Corporation. ACPF-7141 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Figure 9. Package Outline Drawing and Marking
Notes:
1. Dimensions in millimeters
2. Tolerance, unless otherwise specified in drawing:
X.XX ± 0.05 mm
X.XXX ± 0.025 mm
3. Dimensions nominal. unless otherwise specified
4. Contact areas are gold plated
6. Package marking:
“A”= Avago logo
R = ACPF-7141
Y = Year (last digit)
W = Work Week
XXXX = Lot Number
Pin Connections:
1
TX
2
ANT
3
Ground
0.2
0.4 0.6 0.8 1
1.5 2
3 4 5 10 2050
0.2
0.4
0.6
0.8
1
1.5
2
3
4
5
10
20
50
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
-50
0.2
0.4 0.6 0.8 1
1.5 2
3 4 5 10 2050
0.2
0.4
0.6
0.8
1
1.5
2
3
4
5
10
20
50
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
-50
1.80
0.90
1.40
TOP VIEW
SIDE VIEW
BOTTOM VIEW
2.000
±0.075
0.830
±0.075
1.600
±0.075
0.10
ALL AROUND
0.30
× 0.30
0.30
× 0.30
0.10
× 45°
0.20
× 45°
1
2
3
PIN 1
MARK
0.90
1.30
1.30
XXXX
RYW
ACPF-7141 Typical Performance at Tc = 25 °C
Figure 7. S11 (Port 1, Tx), 3GPP Band 41 (2496 – 2690 MHz)
Figure 8. S22 (Port 2, Ant), 3GPP Band 41 (2496 – 2690 MHz)


Similar Part No. - ACPF-7141

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7141 AVAGO-ACPF-7141 Datasheet
473Kb / 10P
   Bandpass Filter for LTE Band 41
More results

Similar Description - ACPF-7141

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7141 AVAGO-ACPF-7141 Datasheet
473Kb / 10P
   Bandpass Filter for LTE Band 41
ACFF-1025 AVAGO-ACFF-1025 Datasheet
1Mb / 12P
   LTE Band 41 Bandpass Filter
ACPF-7041 AVAGO-ACPF-7041 Datasheet
120Kb / 2P
   TD-LTE Band 41 Bandpass Filter
ACPF-7241 AVAGO-ACPF-7241 Datasheet
215Kb / 2P
   Bandpass Filter for Band 41
logo
Broadcom Corporation.
ACPF-7241 BOARDCOM-ACPF-7241 Datasheet
220Kb / 2P
   Bandpass Filter for Band 41
logo
KR Electronics, Inc.
3212-41++ KR-3212-41+ Datasheet
58Kb / 3P
   41 MHz Bandpass Filter
logo
Qorvo, Inc
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
   Band 41 Tx / Rx Filter
March 5, 2018
TQQ0041T QORVO-TQQ0041T Datasheet
701Kb / 8P
   Band 41 Tx/Rx Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1991A TAI-SAW-TA1991A Datasheet
477Kb / 7P
   SAW Rx Filter 2605 MHz LTE Band 41 SMD 1109(100MHz BW)
logo
TriQuint Semiconductor
TQQ0041 TRIQUINT-TQQ0041_15 Datasheet
107Kb / 1P
   Band 41 Receive BAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com