Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GX434CKC Datasheet(PDF) 1 Page - Gennum Corporation

Part # GX434CKC
Description  GX434 Monolithic 4x1 Video Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GX434CKC Datasheet(HTML) 1 Page - Gennum Corporation

  GX434CKC Datasheet HTML 1Page - Gennum Corporation GX434CKC Datasheet HTML 2Page - Gennum Corporation GX434CKC Datasheet HTML 3Page - Gennum Corporation GX434CKC Datasheet HTML 4Page - Gennum Corporation GX434CKC Datasheet HTML 5Page - Gennum Corporation GX434CKC Datasheet HTML 6Page - Gennum Corporation GX434CKC Datasheet HTML 7Page - Gennum Corporation GX434CKC Datasheet HTML 8Page - Gennum Corporation GX434CKC Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-5946
Japan Branch: A-302 M i yamae Vi l l age, 2–10–42 M i yamae, Suginami–ku, Tokyo 168, Japan
tel. (03) 3334-7700
fax (03) 3247-8839
X = DON'T CARE
CS
A1
A0
OUTPUT
0
0
0
IN 0
0
0
1
IN 1
0
1
0
IN 2
0
1
1
IN 3
1
X
X
HI - Z
TRUTH TABLE
X
X
X
X
CHIP
SELECT
2 TO 4 DECODER
LOGIC
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
CS
IN 0
IN 1
IN 2
IN 3
A 0
A 1
AVAILABLE PACKAGING
14 pin DIP and 16 pin SOIC (wide)
DATA SHEET
CIRCUIT DESCRIPTION
The GX434 is a high performance low cost monolithic 4x1
video multiplexer incorporating four bipolar switches with a
common output, a 2 to 4 address decoder and fast chip select
circuitry. The chip select input allows for multi-chip paralleled
operation in routing matrix applications. The chip is selected
by applying a logic 0 on the chip select input.
Unlike devices using MOS bilateral switching elements, these
bipolar circuits represent fully buffered, unilateral transmission
paths when selected. This results in extremely high output to
input isolation. They also feature fast make-before-break
switching action. These features eliminate such problems as
switching 'glitches' and output-to-input signal feedthrough.
The GX434 operates from
±7 to ± 13.2 volt DC supplies. They
are specifically designed for video signal switching which
requires extremely low differential phase and gain. Logic
inputs are TTL and 5 volt CMOS compatible providing address
and chip select functions. When the chip is not selected, the
output goes to a high impedance state.
GX434 Monolithic 4x1
Video Multiplexer
Document No. 510 - 34 - 2
FEATURES
• low differential gain: 0.03% typ. at 4.43 MHz
• low differential phase: 0.012 deg. typ. at 4.43 MHz
• low insertion loss: 0.05 dB max at 100 kHz
• low disabled power consumption: 5.2 mW typ.
• high off isolation: 110 dB at 10 MHz
• all hostile crosstalk @ 5 MHz, 97 dB typ.
• bandwidth (-3dB) with 30 pF load, 100 MHz typ.
• fast make-before-break switching: 200 ns typ.
• TTL and 5 volt CMOS compatible logic inputs
• low cost 14 pin DIP and16 pin SOIC packages
• optimised performance for NTSC, PAL and SECAM
applications
APPLICATIONS
Glitch free analog switching for...
• High quality video routing
• A/D input multiplexing
• Sample and hold circuits
• TV/ CATV/ monitor switching
IN 0
GND
IN 1
GND
GND
IN 2
IN 3
NC
NC
+8V
-8V
NC
O/P
CS
A1
AO
TOP VIEW
PIN 1
8
16
9
PIN CONNECTION
16 PIN SOIC
IN 0
PIN CONNECTION
14 PIN DIP
GND
IN 1
GND
IN 3
GND
IN 2
AO
+8V
A1
CS
O/P
NC
-8V
PIN 1
78
14
TOP VIEW
R
EXT
R
EXT
GX434
(wide)
PIN CONNECTIONS


Similar Part No. - GX434CKC

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX4314-CDB GENNUM-GX4314-CDB Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX4314-CKB GENNUM-GX4314-CKB Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX4314L GENNUM-GX4314L Datasheet
106Kb / 4P
   GX4314L Low Power, Wideband 4 x 1 Video Multiplexer
GX4314LCDB GENNUM-GX4314LCDB Datasheet
106Kb / 4P
   GX4314L Low Power, Wideband 4 x 1 Video Multiplexer
More results

Similar Description - GX434CKC

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX214A GENNUM-GX214A Datasheet
175Kb / 5P
   GX214A Monolithic 4x1 Video Multiplexer
GX4404 GENNUM-GX4404 Datasheet
127Kb / 3P
   GX4404 Wideband, Monolithic 4x1 Video Multiplexer
logo
Maxim Integrated Produc...
MAX4141 MAXIM-MAX4141 Datasheet
69Kb / 8P
   330MHz, 4x1 Precision Video Multiplexer
Rev 0; 5/95
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_06 Datasheet
307Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
National Instruments Co...
SCXI-1190 NI-SCXI-1190 Datasheet
428Kb / 3P
   4x1 unterminated multiplexer/50 characteristic impedance
logo
Analog Devices
AD9300 AD-AD9300_15 Datasheet
609Kb / 8P
   Video Multiplexer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com