Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDD1903 Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDD1903
Description  Single N-channel Trench MOSFET 100V, 12.8A, 105m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDD1903 Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDD1903 Datasheet HTML 1Page - MagnaChip Semiconductor. MDD1903 Datasheet HTML 2Page - MagnaChip Semiconductor. MDD1903 Datasheet HTML 3Page - MagnaChip Semiconductor. MDD1903 Datasheet HTML 4Page - MagnaChip Semiconductor. MDD1903 Datasheet HTML 5Page - MagnaChip Semiconductor. MDD1903 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Jun. 2011. Version 1.0
MagnaChip Semiconductor Ltd.
5
Package Dimension
D-PAK (TO-252)
Dimensions are in millimeters, unless otherwise specified


Similar Part No. - MDD1903

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDD1903RH ISC-MDD1903RH Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDD1903

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDIS1903 MGCHIP-MDIS1903 Datasheet
829Kb / 6P
   Single N-channel Trench MOSFET 100V, 12.8A, 105m(ohm)
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
   Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDP10N055 MGCHIP-MDP10N055 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 5.5m(ohm)
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP1922 MGCHIP-MDP1922 Datasheet
929Kb / 6P
   Single N-channel Trench MOSFET 100V, 97A, 8.4m(ohm)
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
   Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDD1904 MGCHIP-MDD1904 Datasheet
1,023Kb / 6P
   Single N-channel Trench MOSFET 100V, 10.8A, 140m(ohm)
MDF1921 MGCHIP-MDF1921 Datasheet
985Kb / 6P
   Single N-channel Trench MOSFET 100V, 60A, 4.8m(ohm)
MDV10N1K1 MGCHIP-MDV10N1K1 Datasheet
948Kb / 5P
   Single N-channel Trench MOSFET 100V, 12.3A, 110m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com