Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDD9N40RH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDD9N40RH
Description  N-Channel MOSFET 400V, 6A, 0.85(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDD9N40RH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDD9N40RH Datasheet HTML 1Page - MagnaChip Semiconductor. MDD9N40RH Datasheet HTML 2Page - MagnaChip Semiconductor. MDD9N40RH Datasheet HTML 3Page - MagnaChip Semiconductor. MDD9N40RH Datasheet HTML 4Page - MagnaChip Semiconductor. MDD9N40RH Datasheet HTML 5Page - MagnaChip Semiconductor. MDD9N40RH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oct. 2012 Version 1.0
MagnaChip Semiconductor Ltd
.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 Breakdown Voltage Variation vs.
Temperature
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D
= 250㎂
T
J, Junction Temperature [
oC]
0
5
10
15
0.0
0.5
1.0
1.5
2.0
2.5
V
GS=10.0V
V
GS=20V
I
D,Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
25℃
150℃
Notes :
1. V
GS = 0 V
2.250µs Pulse test
V
SD, Source-Drain Voltage [V]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D
= 3.0A
T
J, Junction Temperature [
oC]
4
6
8
10
0.1
1
10
-55℃
25℃
150℃
* Notes ;
1. Vds=30V
V
GS [V]
0
5
10
15
20
0
5
10
15
Notes
1. 250
PulseTest
2. T
C=25
V
gs=5.5V
=6.0V
=6.5V
=7.0V
=8.0V
=10.0V
=15.0V
V
DS,Drain-Source Voltage [V]


Similar Part No. - MDD9N40RH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDD9N40RH ISC-MDD9N40RH Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDD9N40RH

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
   6A, 400V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDF9N50 MGCHIP-MDF9N50 Datasheet
771Kb / 6P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP9N50 MGCHIP-MDP9N50 Datasheet
776Kb / 6P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
logo
Jiangsu Donghai Semicon...
730 WXDH-730 Datasheet
1Mb / 12P
   6A 400V N-channel Enhancement Mode Power MOSFET
logo
MagnaChip Semiconductor...
MDHT3N40 MGCHIP-MDHT3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 1.5A, 3.4(ohm)
MDD3N40 MGCHIP-MDD3N40 Datasheet
1Mb / 7P
   N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDIS3N40 MGCHIP-MDIS3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
logo
Solid States Devices, I...
SFF440C SSDI-SFF440C Datasheet
201Kb / 2P
   8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF440M SSDI-SFF440M Datasheet
218Kb / 2P
   8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com