Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDD3N40RH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDD3N40RH
Description  N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDD3N40RH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDD3N40RH Datasheet HTML 1Page - MagnaChip Semiconductor. MDD3N40RH Datasheet HTML 2Page - MagnaChip Semiconductor. MDD3N40RH Datasheet HTML 3Page - MagnaChip Semiconductor. MDD3N40RH Datasheet HTML 4Page - MagnaChip Semiconductor. MDD3N40RH Datasheet HTML 5Page - MagnaChip Semiconductor. MDD3N40RH Datasheet HTML 6Page - MagnaChip Semiconductor. MDD3N40RH Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Feb. 2014 Version 1.2
MagnaChip Semiconductor Ltd.
6
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDD3N40RH

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDD3N40RH VBSEMI-MDD3N40RH Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
MDD3N40RH ISC-MDD3N40RH Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDD3N40RH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDIS3N40 MGCHIP-MDIS3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDHT3N40 MGCHIP-MDHT3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 1.5A, 3.4(ohm)
MDIS5N40 MGCHIP-MDIS5N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDX5N40 MGCHIP-MDX5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
logo
Intersil Corporation
IRF710 INTERSIL-IRF710 Datasheet
56Kb / 7P
   2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDI5N40 MGCHIP-MDI5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6ohm
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
   N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Intersil Corporation
IRF614 INTERSIL-IRF614 Datasheet
45Kb / 7P
   2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com