Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDD3N40 Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDD3N40
Description  N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDD3N40 Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDD3N40 Datasheet HTML 1Page - MagnaChip Semiconductor. MDD3N40 Datasheet HTML 2Page - MagnaChip Semiconductor. MDD3N40 Datasheet HTML 3Page - MagnaChip Semiconductor. MDD3N40 Datasheet HTML 4Page - MagnaChip Semiconductor. MDD3N40 Datasheet HTML 5Page - MagnaChip Semiconductor. MDD3N40 Datasheet HTML 6Page - MagnaChip Semiconductor. MDD3N40 Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Feb. 2014 Version 1.2
MagnaChip Semiconductor Ltd.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain Current vs. Case
Temperature
Fig.11 Transient Thermal Response Curve
Fig.12 Single Pulse Maximum Power
Dissipation
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
1s
10s
100 s
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
V
DS, Drain-Source Voltage [V]
1E-5
1E-4
1E-3
0.01
0.1
1
10
0
2000
4000
single Pulse
T
C = 25
Pulse Width (s)
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
T
C, Case Temperature [
]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ JC* Rθ JC(t) + TC
R
Θ JA=60/W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
0
2
4
6
0
2
4
6
8
10
80V
200V
320V
Note : I
D = 3A
Q
G, Total Gate Charge [nC]
1
10
0
100
200
300
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]


Similar Part No. - MDD3N40

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDD3N40RH VBSEMI-MDD3N40RH Datasheet
1Mb / 9P
   Power MOSFET
logo
Inchange Semiconductor ...
MDD3N40RH ISC-MDD3N40RH Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDD3N40

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDIS3N40 MGCHIP-MDIS3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDHT3N40 MGCHIP-MDHT3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 1.5A, 3.4(ohm)
MDIS5N40 MGCHIP-MDIS5N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDX5N40 MGCHIP-MDX5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
logo
Intersil Corporation
IRF710 INTERSIL-IRF710 Datasheet
56Kb / 7P
   2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDI5N40 MGCHIP-MDI5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6ohm
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
   N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Intersil Corporation
IRF614 INTERSIL-IRF614 Datasheet
45Kb / 7P
   2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com