Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1608J124CS Datasheet(PDF) 9 Page - MagnaChip Semiconductor.

Part # RC1608J124CS
Description  3A, High Voltage Boost Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

RC1608J124CS Datasheet(HTML) 9 Page - MagnaChip Semiconductor.

  RC1608J124CS Datasheet HTML 1Page - MagnaChip Semiconductor. RC1608J124CS Datasheet HTML 2Page - MagnaChip Semiconductor. RC1608J124CS Datasheet HTML 3Page - MagnaChip Semiconductor. RC1608J124CS Datasheet HTML 4Page - MagnaChip Semiconductor. RC1608J124CS Datasheet HTML 5Page - MagnaChip Semiconductor. RC1608J124CS Datasheet HTML 6Page - MagnaChip Semiconductor. RC1608J124CS Datasheet HTML 7Page - MagnaChip Semiconductor. RC1608J124CS Datasheet HTML 8Page - MagnaChip Semiconductor. RC1608J124CS Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
9
REVISION HISTORY
Date
Version
Changes
2014.08.11
0.0
Initial Release.
2014.10.09
0.1
Update to Display Spec
2014.10.20
0.2
Update to Package Information
2014.11.07
0.3
VREF Accuracy : 1.5%  1.0%
Enable Pull-down Resistance : 500kΩ  1MΩ
2014.11.19
0.4
Preliminary Datasheet
2014.12.19
0.5
Operating description ( Page 5 ~ 6)
2015.03.04
0.6
Operating Input Voltage Range : 15.5V(Max.)  15.9V(Max.)
2015.04.19
0.7
Absolute Maximum Ratings : FB,SS ( 6.0V)  FB, SS (16.5V )
2015.05.27
0.8
Add to graph
2015.06.16
0.9
Change Logic Threshold Voltage level(VIH & VIL)
2015.06.30
0.10
Update Package thermal Resistance
2015.07.03
1.00
Update Absolute maximum ratings(Junction Temperature)


Similar Part No. - RC1608J124CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC1608J100AS ETC1-RC1608J100AS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100BS ETC1-RC1608J100BS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100CS ETC1-RC1608J100CS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100ES ETC1-RC1608J100ES Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
logo
Samsung semiconductor
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
More results

Similar Description - RC1608J124CS

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
   1MHz, 3A boost converter
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
   3A 750KHz Asynchronous Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
   3A 750KHz Asynchronous Boost Converter
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
   High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
logo
E-CMOS Corporation
EC3651 E-CMOS-EC3651 Datasheet
600Kb / 10P
   16V 3A 4-Switch Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com