Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7731FDW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7731FDW
Description  High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7731FDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7731FDW Datasheet HTML 2Page - Texas Instruments ISO7731FDW Datasheet HTML 3Page - Texas Instruments ISO7731FDW Datasheet HTML 4Page - Texas Instruments ISO7731FDW Datasheet HTML 5Page - Texas Instruments ISO7731FDW Datasheet HTML 6Page - Texas Instruments ISO7731FDW Datasheet HTML 7Page - Texas Instruments ISO7731FDW Datasheet HTML 8Page - Texas Instruments ISO7731FDW Datasheet HTML 9Page - Texas Instruments ISO7731FDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
ISO7730, ISO7731
SLLSES0D – SEPTEMBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ISO773x
UNIT
DW (SOIC)
DBQ (QSOP)
16 Pins
16 Pins
RθJA
Junction-to-ambient thermal resistance
81.4
109
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
44.9
46.8
°C/W
RθJB
Junction-to-board thermal resistance
45.9
60.6
°C/W
ψJT
Junction-to-top characterization parameter
28.1
35.9
°C/W
ψJB
Junction-to-board characterization parameter
45.5
60
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
°C/W
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7730
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
150
mW
PD1
Maximum power dissipation by side-1
25
mW
PD2
Maximum power dissipation by side-2
125
mW
ISO7731
PD
Maximum power dissipation
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
input a 50-MHz 50% duty cycle square wave
150
mW
PD1
Maximum power dissipation by side-1
50
mW
PD2
Maximum power dissipation by side-2
100
mW


Similar Part No. - ISO7731FDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7731FDW TI1-ISO7731FDW Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7731FDWR TI1-ISO7731FDWR Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results

Similar Description - ISO7731FDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1_18 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com