Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7731FDBQR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7731FDBQR
Description  High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7731FDBQR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7731FDBQR Datasheet HTML 4Page - Texas Instruments ISO7731FDBQR Datasheet HTML 5Page - Texas Instruments ISO7731FDBQR Datasheet HTML 6Page - Texas Instruments ISO7731FDBQR Datasheet HTML 7Page - Texas Instruments ISO7731FDBQR Datasheet HTML 8Page - Texas Instruments ISO7731FDBQR Datasheet HTML 9Page - Texas Instruments ISO7731FDBQR Datasheet HTML 10Page - Texas Instruments ISO7731FDBQR Datasheet HTML 11Page - Texas Instruments ISO7731FDBQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
ISO7730, ISO7731
SLLSES0D – SEPTEMBER 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.7 Safety-Related Certifications
DW package devices are certified. All other certifications are planned.
VDE
CSA
UL
CQC
TUV
Certified according to DIN
V VDE V 0884-10 (VDE V
0884-10):2006-12
Certified according to CSA
Component Acceptance Notice
5A, IEC 60950-1 and IEC
60601-1
Certified according to UL 1577
Component Recognition
Program
Certified according to GB
4943.1-2011
Certified according to EN
61010-1:2010 (3rd Ed) and
EN 60950-1:2006/A11
:2009/A1:2010/A12:2011/A2
:2013
Maximum transient
isolation voltage, 8000 VPK
(DW-16) and 3600 VPK
(DBQ-16);
Maximum repetitive peak
isolation voltage, 1414 VPK
(DW-16, Reinforced) and
566 VPK (DBQ-16);
Maximum surge isolation
voltage, 8000 VPK (DW-16)
and 4000 VPK (DBQ-16)
Reinforced insulation per CSA
60950-1-07+A1+A2 and IEC
60950-1 2nd Ed.,
800 VRMS (DW-16) and 370
VRMS (DBQ-16) max working
voltage (pollution degree 2,
material group I);
2 MOPP (Means of Patient
Protection) per CSA 60601-
1:14 and IEC 60601-1 Ed. 3.1,
250 VRMS (DW-16) max working
voltage
DW-16: Single protection, 5000
VRMS;
DBQ-16: Single protection,
2500 VRMS
DW-16: Reinforced Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 400 VRMS maximum
working voltage;
DBQ-16: Basic Insulation,
Altitude
≤ 5000 m, Tropical
Climate, 250 VRMS maximum
working voltage
5000 VRMS (DW-16) and
2500 VRMS (DBQ-16)
Reinforced insulation per EN
61010-1:2010 (3rd Ed) up to
working voltage of 600 VRMS
(DW-16) and 300 VRMS
(DBQ-16)
5000 VRMS (DW-16) and
2500 VRMS (DBQ-16)
Reinforced insulation per EN
60950-
1:2006/A11:2009/A1:2010/A
12:2011/A2:2013 up to
working voltage of 800 VRMS
(DW -16) and 370 VRMS
(DBQ-16)
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certificate number:
CQC15001121716
Client ID number: 77311
(1)
The maximum safety temperature is the maximum junction temperature specified for the device. The power dissipation and junction-to-
air thermal impedance of the device installed in the application hardware determines the junction temperature. The assumed junction-to-
air thermal resistance in the Thermal Information is that of a device installed on a High-K test board for leaded surface mount packages.
The power is the recommended maximum input voltage times the current. The junction temperature is then the ambient temperature
plus the power times the junction-to-air thermal resistance.
6.8 Safety Limiting Values
Safety limiting
(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or
supply current
RθJA = 81.4 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 1
279
mA
RθJA = 81.4 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 1
427
RθJA = 81.4 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 1
558
PS
Safety input, output, or total
power
RθJA = 81.4 °C/W, TJ = 150°C, TA = 25°C, see Figure 3
1536
mW
TS
Maximum safety
temperature
150
°C
DBQ-16 PACKAGE
IS
Safety input, output, or
supply current
RθJA = 109.0°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 2
209
mA
RθJA = 109.0 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 2
319
RθJA = 109.0°C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 2
417
PS
Safety input, output, or total
power
RθJA = 109.0°C/W, TJ = 150°C, TA = 25°C, see Figure 4
1147
mW
TS
Maximum safety
temperature
150
°C


Similar Part No. - ISO7731FDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7731FDW TI1-ISO7731FDW Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7731FDWR TI1-ISO7731FDWR Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results

Similar Description - ISO7731FDBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1_18 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com