Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7740-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7740-Q1
Description  High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7740-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7740-Q1 Datasheet HTML 5Page - Texas Instruments ISO7740-Q1 Datasheet HTML 6Page - Texas Instruments ISO7740-Q1 Datasheet HTML 7Page - Texas Instruments ISO7740-Q1 Datasheet HTML 8Page - Texas Instruments ISO7740-Q1 Datasheet HTML 9Page - Texas Instruments ISO7740-Q1 Datasheet HTML 10Page - Texas Instruments ISO7740-Q1 Datasheet HTML 11Page - Texas Instruments ISO7740-Q1 Datasheet HTML 12Page - Texas Instruments ISO7740-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
ISO7740-Q1, ISO7741-Q1, ISO7742-Q1
www.ti.com
SLLSEU0A – NOVEMBER 2016 – REVISED MAY 2017
Product Folder Links: ISO7740-Q1 ISO7741-Q1 ISO7742-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
(2)
Measured from input pin to ground.
6.9 Electrical Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA; see Figure 15
VCCO
(1) – 0.4
4.8
V
VOL
Low-level output voltage
IOL = 4 mA; see Figure 15
0.2
0.4
V
VIT+(IN) Rising input voltage threshold
0.6 × VCCI
0.7 × VCCI
V
VIT-(IN) Falling input voltage threshold
0.3 × VCCI
0.4 × VCCI
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 × VCCI
0.2 × VCCI
V
IIH
High-level input current
VIH = VCCI
(1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
–10
μA
CMTI
Common-mode transient
immunity
VI = VCCI or 0 V, VCM = 1200 V; see
Figure 18
85
100
kV/μs
CI
Input Capacitance(2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 1 MHz,
VCC = 5 V
2
pF


Similar Part No. - ISO7740-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO7740-Q1 TI-ISO7740-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
More results

Similar Description - ISO7740-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740 TI1-ISO7740 Datasheet
1Mb / 41P
[Old version datasheet]   High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com