Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PADC12DJ3200AAV Datasheet(PDF) 5 Page - Texas Instruments

Part # PADC12DJ3200AAV
Description  6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PADC12DJ3200AAV Datasheet(HTML) 5 Page - Texas Instruments

  PADC12DJ3200AAV Datasheet HTML 1Page - Texas Instruments PADC12DJ3200AAV Datasheet HTML 2Page - Texas Instruments PADC12DJ3200AAV Datasheet HTML 3Page - Texas Instruments PADC12DJ3200AAV Datasheet HTML 4Page - Texas Instruments PADC12DJ3200AAV Datasheet HTML 5Page - Texas Instruments PADC12DJ3200AAV Datasheet HTML 6Page - Texas Instruments PADC12DJ3200AAV Datasheet HTML 7Page - Texas Instruments PADC12DJ3200AAV Datasheet HTML 8Page - Texas Instruments PADC12DJ3200AAV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
5
ADC12DJ3200
www.ti.com
SLVSD97 – MAY 2017
Product Folder Links: ADC12DJ3200
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DA5+
C11
O
High-speed serialized-data output for channel A, lane 5, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DA5-
D11
O
High-speed serialized-data output for channel A, lane 5, negative connection. This pin can
be left disconnected if not used.
DA6+
B10
O
High-speed serialized-data output for channel A, lane 6, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DA6-
B11
O
High-speed serialized-data output for channel A, lane 6, negative connection. This pin can
be left disconnected if not used.
DA7+
B8
O
High-speed serialized-data output for channel A, lane 7, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DA7-
B9
O
High-speed serialized-data output for channel A, lane 7, negative connection. This pin can
be left disconnected if not used.
DB0+
H12
O
High-speed serialized-data output for channel B, lane 0, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DB0-
G12
O
High-speed serialized-data output for channel B, lane 0, negative connection. This pin can
be left disconnected if not used.
DB1+
K12
O
High-speed serialized-data output for channel B, lane 1, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DB1-
J12
O
High-speed serialized-data output for channel B, lane 1, negative connection. This pin can
be left disconnected if not used.
DB2+
M10
O
High-speed serialized-data output for channel B, lane 2, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DB2-
M11
O
High-speed serialized-data output for channel B, lane 2, negative connection. This pin can
be left disconnected if not used.
DB3+
M8
O
High-speed serialized-data output for channel B, lane 3, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DB3-
M9
O
High-speed serialized-data output for channel B, lane 3, negative connection. This pin can
be left disconnected if not used.
DB4+
H11
O
High-speed serialized-data output for channel B, lane 4, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DB4-
G11
O
High-speed serialized-data output for channel B, lane 4, negative connection. This pin can
be left disconnected if not used.
DB5+
K11
O
High-speed serialized-data output for channel B, lane 5, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DB5-
J11
O
High-speed serialized-data output for channel B, lane 5, negative connection. This pin can
be left disconnected if not used.
DB6+
L10
O
High-speed serialized-data output for channel B, lane 6, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DB6-
L11
O
High-speed serialized-data output for channel B, lane 6, negative connection. This pin can
be left disconnected if not used.
DB7+
L8
O
High-speed serialized-data output for channel B, lane 7, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DB7-
L9
O
High-speed serialized-data output for channel B, lane 7, negative connection. This pin can
be left disconnected if not used.


Similar Part No. - PADC12DJ3200AAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PADC12DJ32ZMX/EM20 TI1-PADC12DJ32ZMX/EM20 Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - PADC12DJ3200AAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200 Datasheet
1Mb / 122P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com