Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G693 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G693
Description  4-Pin UP Voltage Monitors with Manual Reset Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G693 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G693 Datasheet HTML 1Page - List of Unclassifed Manufacturers G693 Datasheet HTML 2Page - List of Unclassifed Manufacturers G693 Datasheet HTML 3Page - List of Unclassifed Manufacturers G693 Datasheet HTML 4Page - List of Unclassifed Manufacturers G693 Datasheet HTML 5Page - List of Unclassifed Manufacturers G693 Datasheet HTML 6Page - List of Unclassifed Manufacturers G693 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ver: 1.0
Sep 23, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G692/G693
Global Mixed-mode Technology Inc.
4-Pin µP Voltage Monitors with Manual Reset Input
Features
Precision Monitoring of +3V, +3.3V, and +5V
Power-Supply Voltages
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull RESET Output (G692L)
Push-Pull RESET Output (G692H)
Open-Drain RESET Output (G693L)
140ms min Power-On Reset Pulse Width
5µA Supply Current
Guaranteed Reset Valid to VCC = +1V
Power Supply Transient Immunity
No External Components
Manual Reset Input
4-Pin SOT143 Package
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable / Battery-Powered Equipment
Automotive
General Description
The G692/G693 are microprocessor (µP) supervisory
circuits used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability
and low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V- pow-
ered circuits. The G692/G693 also provide a de-
bounced manual reset input.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at
least 140ms after VCC has risen above the reset
threshold. Reset thresholds suitable for operation with
a variety of supply voltages are available.
The G693L has an open-drain output stage, while the
G692 have push-pull outputs. The G693L’s open-drain
RESET output requires a pull-up resistor that can be
connected to a voltage higher than VCC. The G692L
have an active-low RESET output, while the G692H
has an active-high RESET output. The reset com-
parator is designed to ignore fast transients on VCC,
and the outputs are guaranteed to be in the correct
logic state for VCC down to 1V.
Low supply current makes the G692/G693 ideal for
use in portable equipment. The G692/G693 are avail-
able in a 4-pin SOT143 packages.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
G692H(L)xxxTC -40°C ~ +105°C
SOT143
G693LxxxTC
-40°C ~ +105°C
SOT143
* xxx specifies the threshold voltage.
e.g. 263 denotes the 2.63V threshold voltage.
Pin Configuration
Typical Operating Circuit
RESET
INPUT
GND
µP
V
CC
RESET
(RESET)
GND
G692/G693
V
CC
R
PULL-UP
V
CC
*
*G693 ONLY
MR
V
CC
SOT143
G692/G693
4
GND
2
RESET(RESET)
MR
3
()is for G692H
1
RESET
INPUT
GND
µP
V
CC
RESET
(RESET)
GND
G692/G693
V
CC
R
PULL-UP
V
CC
*
*G693 ONLY
MR
RESET
INPUT
GND
µP
V
CC
RESET
(RESET)
GND
G692/G693
V
CC
R
PULL-UP
V
CC
*
*G693 ONLY
MR
V
CC
SOT143
G692/G693
4
GND
2
RESET(RESET)
MR
3
()is for G692H
1
V
CC
SOT143
G692/G693
4
GND
2
RESET(RESET)
MR
3
()is for G692H
1


Similar Part No. - G693

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G693 GMT-G693 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
More results

Similar Description - G693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com