Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP3301CSIRH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MAP3301CSIRH
Description  Single Channel LED Driverwith Internal Dimming MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3301CSIRH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

Back Button MAP3301CSIRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP3301CSIRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3301CSIRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3301CSIRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3301CSIRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3301CSIRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3301CSIRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3301CSIRH Datasheet HTML 9Page - MagnaChip Semiconductor. MAP3301CSIRH Datasheet HTML 10Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Confidential
Datasheet Version 1.1
December
2012
Page 6
Electrical Characteristics (Continued)
VCC=12V, VPWMI=5V, CGATE=1nF, Ta=25
, unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Current Sense
TBLANK
Leading Edge Blanking
-
100
-
375
nS
TDELAY
Delay to output of CS comparator(3)
VCOMP= 5V
VCS = 0V to 600mV step pulse
-
-
180
nS
VCS,MAX
Maximum CS Voltage
VCC = 12V, VADIM – VSOU = 0.2V
0.44
0.49
0.54
V
Internal Transconductance Opamp
AV
Open loop DC Gain(3)
-
-
53
-
dB
VCM
Input common-mode range
-
0.1
-
3.0
V
VO
Output Voltage Low Limit
VCC = 12V, VADIM – VSOU = 0.2V
-
0.6
-
V
Output Voltage High Limit
VCC = 12V, VADIM – VSOU = 0.2V
-
2.6
-
V
Gm
Transconductance(3)
-
400
670
1000
uA/V
IBIAS
Input Bias current
-
-
0.5
1
nA
VOFFSET
Input offset voltage
-
-5
-
5
mV
I_AMP_SOURCE
AMP Source Current
VADIM = 2V, VSOU = 1V, VCOMP= 1.5V
-
-100
-
uA
I_AMP_SINK
AMP Sink Current
VADIM = 1V, VSOU = 2V, VCOMP= 1.5V
-
100
-
uA
PWM Input
VPWMI(LO)
PWMI input Low voltage
-
-
-
0.8
V
VPWMI(HI)
PWMI input High voltage
-
2.0
-
-
V
RPWMI
PWMI pull-down resistance
VPWMI = 5V
50
100
200
PWM Output
TRISE.DELAY
PWMI_HIGH to DRN On Delay time
-
-
1.0
1.5
uS
TFALL.DELAY
PWMI_LOW to DRN Off Delay time
-
-
0.8
1.2
uS
Soft-Start
TSS
Time for internal soft-start
-
-
20
-
mS


Similar Part No. - MAP3301CSIRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3301B MGCHIP-MAP3301B Datasheet
648Kb / 13P
   Single Channel LED Driverwith Internal Dimming MOSFET
MAP3301BSIRH MGCHIP-MAP3301BSIRH Datasheet
648Kb / 13P
   Single Channel LED Driverwith Internal Dimming MOSFET
More results

Similar Description - MAP3301CSIRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3301B MGCHIP-MAP3301B Datasheet
648Kb / 13P
   Single Channel LED Driverwith Internal Dimming MOSFET
logo
Allegro MicroSystems
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
logo
Linear Technology
LT3761EMSE LINER-LT3761EMSE Datasheet
305Kb / 8P
   High Voltage LED Controller with Internal PWM Dimming
logo
Analog Devices
LT3950 AD-LT3950 Datasheet
2Mb / 26P
   60V, 1.5A LED Driver with Internal Exponential Scale Dimming
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
   350mA LED driver with internal switch and enhanced PWM dimming range
logo
Integrated Silicon Solu...
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
   SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
Texas Instruments
TLC69601 TI-TLC69601 Datasheet
1Mb / 11P
[Old version datasheet]   TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69601 TI-TLC69601_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
logo
Power Analog Micoelectr...
PAM2811 PAM-PAM2811 Datasheet
229Kb / 12P
   4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com