Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F040-90TI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EN29F040-90TI
Description  4 Megabit (512K x 8-bit) Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F040-90TI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EN29F040-90TI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F040-90TI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F040-90TI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F040-90TI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F040-90TI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F040-90TI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F040-90TI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F040-90TI Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F040-90TI Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
7
EN29F040
Rev. D, Issue Date: 2001/07/05
Reset Command
Writing the reset command to the device resets the device to reading array data. Address bits are
don’t care for this command.
The reset command may be written between the sequence cycles in an erase command sequence
before erasing begins. This resets the device to reading array data. Once erasure begins, however,
the device ignores reset commands until the operation is complete. The reset command may be
written between the sequence cycles in a program command sequence before programming begins.
This resets the device to reading array data (also applies to programming in Erase Suspend mode).
Once programming begins, however, the device ignores reset commands until the operation is
complete.
The reset command may be written between the sequence cycles in an autoselect command
sequence. Once in the autoselect mode, the reset command must be written to return to reading
array data (also applies to autoselect during Erase Suspend).
If DQ5 goes high during a program or erase operation, writing the reset command returns the device
to reading array data (also applies during Erase Suspend).
Write Mode
Programming is a four-bus-cycle operation. The program command sequence is initiated by writing
two unlock write cycles, followed by the program set-up command. The program address and data
are written next, which in turn initiate the Embedded Program algorithm. The system is not required
to provide further controls or timings. The device automatically provides internally generated program
pulses and verifies the programmed cell margin. Table 5 (Command Definitions) shows the address
and data requirements for the byte program command sequence.
When the Embedded Program algorithm is complete, the device then returns to reading array data
and addresses are no longer latched. The system can determine the status of the program operation
by using DQ7 or DQ6. See “Write Operation Status” for information on these status bits.
Any commands written to the device during the Embedded Program Algorithm are ignored.
Programming is allowed in any sequence and across sector boundaries. A bit cannot be
programmed from a “0” back to a “1”. Attempting to do so may halt the operation and set DQ5 to
“1”, or cause the Data# Polling algorithm to indicate the operation was successful. However, a
succeeding read will show that the data is still “0”. Only erase operations can convert a “0” to a “1”.
COMMAND DEFINITIONS
The operations of the EN29F040 are selected by one or more commands written into the command
register to perform Read/Reset Memory, Read ID, Read Sector Protection, Program, Sector Erase,
Chip Erase, Erase Suspend and Erase Resume. Commands are made up of data sequences
written at specific addresses via the command register. The sequences for the specified operation
are defined in the Command Table (Table 5).
Incorrect addresses, incorrect data values or
improper sequences will reset the device to the read mode.


Similar Part No. - EN29F040-90TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JC EON-EN29F040A-45JC Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JCP EON-EN29F040A-45JCP Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JI EON-EN29F040A-45JI Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JIP EON-EN29F040A-45JIP Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
More results

Similar Description - EN29F040-90TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
   4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com