Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP3202SIRH Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MAP3202SIRH
Description  High Efficiency Switch Mode LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3202SIRH Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

Back Button MAP3202SIRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3202SIRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3202SIRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3202SIRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3202SIRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3202SIRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3202SIRH Datasheet HTML 9Page - MagnaChip Semiconductor. MAP3202SIRH Datasheet HTML 10Page - MagnaChip Semiconductor. MAP3202SIRH Datasheet HTML 11Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Confidential
Datasheet Version 1.1
March 2012
Page 7
Typical Operating Characteristics
Unless otherwise noted, VCC = 12V, VPWMI= 5V, and Ta = 25°C.
VREF Line Regulation Voltage
Quiescent Current vs. Temp
Quiescent Current vs. Vcc
VREF vs. Temp
Under Voltage Lock Out (UVLO)
VREF Load Regulation Voltage


Similar Part No. - MAP3202SIRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
MAP3201SIH MGCHIP-MAP3201SIH Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
MAP3204 MGCHIP-MAP3204 Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
MAP3204SIRH MGCHIP-MAP3204SIRH Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
MAP3204TERH MGCHIP-MAP3204TERH Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
More results

Similar Description - MAP3202SIRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1040CC MARL-LP1040CC Datasheet
58Kb / 2P
   Switch-Mode LED Driver
LP1090-36-YZ-E MARL-LP1090-36-YZ-E Datasheet
162Kb / 2P
   Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
LP1020CC MARL-LP1020CC_15 Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV MARL-LP1020CV_15 Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1025 MARL-LP1025_15 Datasheet
65Kb / 1P
   Switch-Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com