Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP3202 Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MAP3202
Description  High Efficiency Switch Mode LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3202 Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MAP3202 Datasheet HTML 1Page - MagnaChip Semiconductor. MAP3202 Datasheet HTML 2Page - MagnaChip Semiconductor. MAP3202 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3202 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3202 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3202 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3202 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3202 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3202 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Confidential
Datasheet Version 1.1
March 2012
Page 5
Electrical Characteristics (continued)
VCC=12V, VPWMI=5V, Ta=25℃, unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Internal Transconductance Opamp
IBIAS
Input Bias current
-
-
0.5
1
nA
VOFFSET
Input Offset voltage
-
-5
-
5
mV
I_AMP_SOURCE
AMP Source Current
VFBN=1V, VFBP=2V, VCOMP=1.5V
-
-100
-
uA
I_AMP_SINK
AMP Sink Current
VFBN=2V, VFBP=1V, VCOMP=1.5V
-
100
-
uA
Oscillator
FOSC
Oscillator frequency
( 100KHz ~ 400KHz )
Ta=-40℃ ~ 85℃, RT=500㏀
90
100
110
kHz
Ta=25℃, RT=500㏀
95
100
105
kHz
Ta=-40℃ ~ 85℃, RT=123㏀
340
400
460
kHz
DMAX
Maximum duty cycle
-
-
90
-
%
Synchronizing ( External Input )
VIL_SYNC
SYNC Input voltage Low level
-
-
-
0.8
V
VIH_SYNC
SYNC Input voltage high level
-
2
-
5.5
V
TSYNC_MIN
SYNC minimum input pulse width(3)
VSYNC = 0V to 5V
20
-
-
ns
TSYNC_MAX
SYNC maximum input pulse width
VSYNC = 0V to 5V
-
-
0.05
/fosc
ns
PWM Input
VPWMI(LO)
PWMI input low voltage
Ta=-40℃ ~ 85℃
-
-
0.8
V
VPWMI(HI)
PWMI input high voltage
Ta=-40℃ ~ 85℃
2.0
-
5.5
V
RPWMI
PWMI pull-down resistance
VPWMI=5V
50
100
150
PWM Output
TRISE,PWMO
PWM Output rise time
1nF capacitance at PWMO
-
-
300
ns
TFALL,PWMO
PWM Output fall time
1nF capacitance at PWMO
-
-
200
ns
Auto Restart Protection ( AUTO )
TAR
Auto Restart Time
Fosc = 100KHz
-
1
-
ms
Over Voltage Protection ( OVP )
VOVP
Over voltage protection
-
2.94
3.0
3.06
V
VOVPH
Over voltage protection hysteresis
-
0.3
-
V
TOVP
OVP Filtering time(3)
-
200
-
ns


Similar Part No. - MAP3202

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
MAP3201SIH MGCHIP-MAP3201SIH Datasheet
1Mb / 15P
   High current switch mode PWM LED Driver
MAP3204 MGCHIP-MAP3204 Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
MAP3204SIRH MGCHIP-MAP3204SIRH Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
MAP3204TERH MGCHIP-MAP3204TERH Datasheet
389Kb / 11P
   4-channel LED Driver for High Brightness LEDs
More results

Similar Description - MAP3202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1040CC MARL-LP1040CC Datasheet
58Kb / 2P
   Switch-Mode LED Driver
LP1090-36-YZ-E MARL-LP1090-36-YZ-E Datasheet
162Kb / 2P
   Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
LP1020CC MARL-LP1020CC_15 Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV MARL-LP1020CV_15 Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1025 MARL-LP1025_15 Datasheet
65Kb / 1P
   Switch-Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com