Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1073406 Datasheet(PDF) 3 Page - SICK AG

Part # 1073406
Description  SENSORS FOR T-SLOT CYLINDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1073406 Datasheet(HTML) 3 Page - SICK AG

  1073406 Datasheet HTML 1Page - SICK AG 1073406 Datasheet HTML 2Page - SICK AG 1073406 Datasheet HTML 3Page - SICK AG 1073406 Datasheet HTML 4Page - SICK AG 1073406 Datasheet HTML 5Page - SICK AG 1073406 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MZT8-03VPS-KRX | MZT8 ATEX
SENSORS FOR T-SLOT CYLINDERS
Reproducibility
≤ 0.1 mT 3)
Reverse polarity protection
Short-circuit protection
Power-up pulse protection
Ambient operating temperature
–20 °C ... +50 °C
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
EMC
According to EN 60947-5-2
Housing material
Plastic, PA12
Connection type
Cable with connector M8, 3-pin, with knurled nuts, 0.3 m
Cable material
PVC
Conductor cross-section
0.14 mm²
UL File No.
NRKH.E181493
1) Depend on ambient temperature. For details see operating instructions under „performance data of the sensor“.
2) Without load.
3) Ub and Ta constant.
Classifications
ECl@ss 5.0
27270104
ECl@ss 5.1.4
27270104
ECl@ss 6.0
27270104
ECl@ss 6.2
27270104
ECl@ss 7.0
27270104
ECl@ss 8.0
27270104
ECl@ss 8.1
27270104
ECl@ss 9.0
27270104
ETIM 5.0
EC002544
ETIM 6.0
EC002544
UNSPSC 16.0901
39122230
Connection diagram
Cd-308
brn
blu
1
3
+ (L+)
- (M)
blk
4
NO
2017-05-04 16:20:10 | Online data sheet
Subject to change without notice
MAGNETIC CYLINDER SENSORS | SICK
3


Similar Part No. - 1073406

ManufacturerPart #DatasheetDescription
logo
SICK AG
1073405 SICK-1073405 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
1073407 SICK-1073407 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results

Similar Description - 1073406

ManufacturerPart #DatasheetDescription
logo
SICK AG
MZT8-03VNS-KU0 SICK-MZT8-03VNS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-2V8-N-KWDS02 SICK-MZT8-2V8-N-KWDS02 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KP0 SICK-MZT8-28VPS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VNS-KP0 SICK-MZT7-03VNS-KP0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT7-03VPS-KQ0 SICK-MZT7-03VPS-KQ0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KU0 SICK-RZT7-03ZRS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
RZT7-03ZRS-KWB SICK-RZT7-03ZRS-KWB Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KR0 SICK-MZT8-28VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-28VPS-KU0 SICK-MZT8-28VPS-KU0 Datasheet
1Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZ2Q-FTZPS-KQ0 SICK-MZ2Q-FTZPS-KQ0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
MZT8-03VPS-KR0 SICK-MZT8-03VPS-KR0 Datasheet
2Mb / 6P
   SENSORS FOR T-SLOT CYLINDERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com