Electronic Components Datasheet Search |
|
HSMS-286F Datasheet(PDF) 1 Page - Broadcom Corporation. |
|
HSMS-286F Datasheet(HTML) 1 Page - Broadcom Corporation. |
1 / 18 page HSMS-286x Series Surface Mount Microwave Schottky Detector Diodes Data Sheet SOT-23/SOT-143 Package Lead Code Identification (top view) Description Avago’s HSMS‑286x family of DC biased detector diodes have been designed and optimized for use from 915 MHz to 5.8 GHz.They are ideal for RF/ID and RFTag applications as well as large signal detection, modulation, RF to DC conversion or voltage doubling. Available in various package configurations, this family of detector diodes provides low cost solutions to a wide variety of design problems. Avago’s manufacturing techniques assure that when two or more diodes are mounted into a single surface mount package, they are taken from adjacent sites on the wafer, assuring the highest possible degree of match. Pin Connections and Package Marking SOT-323 Package Lead Code Identification (top view) Notes: 1. Package marking provides orientation and identification. 2. The first two characters are the package marking code. The third character is the date code. Features • Surface Mount SOT‑23/SOT‑143 Packages • Miniature SOT‑323 and SOT‑363 Packages • High Detection Sensitivity: up to 50 mV/µW at 915 MHz up to 35 mV/µW at 2.45 GHz up to 25 mV/µW at 5.80 GHz • Low FIT (Failure in Time) Rate* • Tape and Reel Options Available • Unique Configurations in Surface Mount SOT‑363 Package – increase flexibility – save board space – reduce cost • HSMS‑286K Grounded Center Leads Provide up to 10 dB Higher Isolation • Matched Diodes for Consistent Performance • Better Thermal Conductivity for Higher Power Dissipation • Lead‑free * For more information see the Surface Mount Schottky Reliability Data Sheet. 1 2 3 6 5 4 SOT-363 Package Lead Code Identification (top view) SERIES C SINGLE B 1 2 3 1 2 3 COMMON CATHODE F COMMON ANODE E 1 2 3 1 2 3 BRIDGE QUAD P UNCONNECTED TRIO L RING QUAD R 1 2 3 6 5 4 1 2 3 6 5 4 1 2 3 6 5 4 HIGH ISOLATION UNCONNECTED PAIR K 1 2 3 6 5 4 COMMON CATHODE #4 UNCONNECTED PAIR #5 COMMON ANODE #3 SERIES #2 SINGLE #0 1 2 3 1 2 3 4 1 2 3 1 2 3 1 2 3 |
Similar Part No. - HSMS-286F |
|
Similar Description - HSMS-286F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |