Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7687M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7687M
Description  PC Power Supply Output Monitoring IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7687M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7687M Datasheet HTML 1Page - Fairchild Semiconductor FAN7687M Datasheet HTML 2Page - Fairchild Semiconductor FAN7687M Datasheet HTML 3Page - Fairchild Semiconductor FAN7687M Datasheet HTML 4Page - Fairchild Semiconductor FAN7687M Datasheet HTML 5Page - Fairchild Semiconductor FAN7687M Datasheet HTML 6Page - Fairchild Semiconductor FAN7687M Datasheet HTML 7Page - Fairchild Semiconductor FAN7687M Datasheet HTML 8Page - Fairchild Semiconductor FAN7687M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FAN7685/FAN7686/FAN7687
5
Electrical Characteristics(VCC = 5V, Ta=25°C, unless otherwise specified)
* : These parameters although guaranteed over the recommended operating conditions, are not 100% tested in production.
Over Voltage Protection, Under Voltage Protection and FPO
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Over Voltage Threshold
VS33
3.9
4.1
4.3
V
FAN7687A
3.77
4.06
VS5
5.8
6.1
6.4
FAN7687A
5.71
6.16
VS12,
VCC12
13.3
13.8
14.3
FAN7687A(VS12)
13.71
14.79
FAN7687A(VCC12)
13.42
14.5
Under Voltage Threshold
VS33
2.55
2.69
2.83
V
FAN7687A
2.88
3.02
VS5
4.1
4.3
4.5
FAN7687A
4.37
4.58
VS12,
VCC12
8.8
9.3
9.8
FAN7687A(VS12)
10.5
11.0
FAN7687A(VCC12)
10.21
10.71
Ratio of Current Sense Sink Current to
Current Sense Setting Pin(RI) Source
Current
Iref
Resistor at RI=30k
Ω,
0.1% Resistor
7.688.4
Offset Voltage of OCP Comparator
Voffset
VPSON=0V
-5
-
5
mV
Leakage Current(FPO)ILKGI
VFPO = 5V
-
-
5
uA
Low Level Output Voltage(FPO)VOLI
IFPO=10mA
-
-
0.3
V
IFPO=30mA
-
-
0.7
PGI and PGO
Input Threshold Voltage(PGI)
VPGI
1.16
1.20
1.24
V
Leakage Current(PGO)
ILKG2
VPGO = 5V
-
-
5
uA
Low Level Output Voltage(PGO)
VOL2
IPGO=10mA
-
-
0.4
V
PSON Control
Input Pull-up Current
IPSON
VPSON = 0V
-
150
-
uA
High-Level Input Voltage
VIHPS
2.4
-
-
V
Low-Level Input Voltage
VILPS
--
1.2
V
Total Device
Supply Current
ICC
VPSON = 5V
-
-
1
mA
Switching Characteristics
Debounce Time(PSON)
tb1
25
38
51
ms
Noise Debounce Time
tb2*
50
73
100
us
PGO Delay Time(PGI to PGO)
td1
200
300
410
ms
Internal UVP Delay Time
td2
FPO goes low and
every time PGI > 1.2
51
75
102
ms
td4*
FPO goes low and
everytime PGI<1.2
200
300
410
ms
PSON off to FPO Delay Time
td3
tb1+1.6 tb1+2.3 tb1+3.2
ms


Similar Part No. - FAN7687M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680M FAIRCHILD-FAN7680M Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680N FAIRCHILD-FAN7680N Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
ON Semiconductor
FAN7688 ONSEMI-FAN7688 Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
FAN7688SJX ONSEMI-FAN7688SJX Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
More results

Similar Description - FAN7687M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
   5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
Nippon Precision Circui...
SM8172A NPC-SM8172A Datasheet
204Kb / 17P
   2-output Power Supply IC
logo
Seiko Instruments Inc
S-1740A10-M5T1U4 SII-S-1740A10-M5T1U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com