Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7686N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7686N
Description  PC Power Supply Output Monitoring IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7686N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7686N Datasheet HTML 1Page - Fairchild Semiconductor FAN7686N Datasheet HTML 2Page - Fairchild Semiconductor FAN7686N Datasheet HTML 3Page - Fairchild Semiconductor FAN7686N Datasheet HTML 4Page - Fairchild Semiconductor FAN7686N Datasheet HTML 5Page - Fairchild Semiconductor FAN7686N Datasheet HTML 6Page - Fairchild Semiconductor FAN7686N Datasheet HTML 7Page - Fairchild Semiconductor FAN7686N Datasheet HTML 8Page - Fairchild Semiconductor FAN7686N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FAN7685/FAN7686/FAN7687
3
Pin Assignments
Pin Definitions
Notes :
* : FAN7686 Pin Definitions
** : FAN7687/FAN7687A Pin Definitions
Pin Number
Pin Name
I/O
Pin Function Description
1
PGI
I
Power Good Input
2
GND
-
Ground
3FPO
O
Fault Protection Output, Open Drain Output
4PSON
I
Remote On/Off Control Input
5
IS12
I
12V Over Current Protection
6
RI
O
Reference Current Setting Resistor
7
NC
No Connection(FAN7685)
IS5*
I
5V Over Current Protection(FAN7686)
ISVCC12**
I
12V-II Over Current Protection(FAN7687)
8
IS5
I
5V Over Current Protection(FAN7685/7)
IS33*
I
3.3V Over Current Protection(FAN7686)
9
IS33
I
3.3V Over Current Protection(FAN7685/7)
VS12*
I
12V Output Over/Under Voltage Protection(FAN7686)
10
VS12
I
12V Output Over/Under Voltage Protection(FAN7685/7)
NC*
No Connection(FAN7686)
11
VS33
I
3.3V Output Over/Under Voltage Protection
12
VS5
I
5V Output Over/Under Voltage Protection
13
Vcc
I
Supply Voltage(FAN7675/6)
VCC12**
I
Supply Voltage & 12V-II OV/UV Protectioin(FAN7687)
14
PGO
O
Power Good Output, Open Drain Output
1
PSON
FPO
IS12
GND
VCC12
RI
PGO
PGI
VS12
IS33
VS5
IS5
VS33
ISVCC12
2
3
4
5
6
7
14
9
8
13
12
11
10
1
PSON
FPO
IS12
GND
VCC
RI
PGO
PGI
VS12
IS33
VS5
IS5
VS33
NC
2
3
4
5
6
7
14
9
8
13
12
11
10
1
PSON
FPO
IS12
GND
VCC
RI
PGO
PGI
NC
VS12
VS5
IS33
VS33
IS5
2
3
4
5
6
7
14
9
8
13
12
11
10


Similar Part No. - FAN7686N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680M FAIRCHILD-FAN7680M Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7680N FAIRCHILD-FAN7680N Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
ON Semiconductor
FAN7688 ONSEMI-FAN7688 Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
FAN7688SJX ONSEMI-FAN7688SJX Datasheet
1Mb / 32P
   Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
More results

Similar Description - FAN7686N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
   5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
Nippon Precision Circui...
SM8172A NPC-SM8172A Datasheet
204Kb / 17P
   2-output Power Supply IC
logo
Seiko Instruments Inc
S-1740A10-M5T1U4 SII-S-1740A10-M5T1U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
   MONITORING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com