Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5825ILZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5825ILZ-T7
Description  8-Channel TFT-LCD Reference Voltage Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5825ILZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5825ILZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5825ILZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5825ILZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5825ILZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5825ILZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5825ILZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5825ILZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5825ILZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5825ILZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN7005.4
June 24, 2005
Typical Performance Curves
FIGURE 1. DIFFERENTIAL NONLINEARITY vs CODE
FIGURE 2. DIGITAL SUPPLY CURRENT vs DIGITAL SUPPLY
VOLTAGE
FIGURE 3. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 4. TRANSIENT LOAD REGULATION (SOURCING)
FIGURE 5. TRANSIENT LOAD REGULATION (SINKING)
FIGURE 6. LARGE SIGNAL RESPONSE (RISING FROM 0V
TO 8V)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
10
210
410
610
810
1010
INPUT CODE
VS=15V
VSD=5V
VREFH=13V
VREFL=2V
180
140
100
60
40
20
0
3
3.5
4
4.5
5
5.5
VSD (V)
160
120
80
7.2
7
6.6
6.2
6
5.8
5.6
4
6
8
12
14
16
18
VS (V)
VOUT=0V
6.8
6.4
10
0mA
5V
5mA/DIV
200mV/DIV
5mA
CL=180pF
CL=4.7nF
RS=20Ω
CL=1nF
RS=20Ω
VS=VREFH=15V
M=400ns/DIV
5mA
0mA
CL=1nF
RS=20Ω
CL=180pF
VS=VREFH=15V
M=400ns/DIV
CL=4.7nF
RS=20Ω
SCLK
SDA
ENA
OUTA
M=200µs/DIV
EL5825


Similar Part No. - EL5825ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5825ILZ-T7 RENESAS-EL5825ILZ-T7 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results

Similar Description - EL5825ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com