Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD7242 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7242
Description  Digital Dual Synchronous-Buck Power Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7242 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD7242 Datasheet HTML 6Page - Texas Instruments UCD7242 Datasheet HTML 7Page - Texas Instruments UCD7242 Datasheet HTML 8Page - Texas Instruments UCD7242 Datasheet HTML 9Page - Texas Instruments UCD7242 Datasheet HTML 10Page - Texas Instruments UCD7242 Datasheet HTML 11Page - Texas Instruments UCD7242 Datasheet HTML 12Page - Texas Instruments UCD7242 Datasheet HTML 13Page - Texas Instruments UCD7242 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
UCD7242
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
Load- A
V
=3.3V,f =500kHz,V =12V
O
s
I
V
=3.3V,f =750kHz,V =12V
O
s
I
V
=3.3V,f =1MHz,V =12V
O
s
I
V
=2V,f =500kHz,V =12V
O
s
I
V
=2V,f =750kHz,V =12V
O
s
I
V
=2V,f =1MHz,V =12V
O
s
I
V
=1.2V,f =500kHz,V =12V
O
s
I
V
=1.2V,f =750kHz,V =12V
O
s
I
V
=1.2V,f =1MHz,V =12V
O
s
I
UCD7242
0
2
4
6
8
10
Load- A
V
=3.3V,f =500kHz,V =12V
O
s
I
V
=3.3V,f =750kHz,V =12V
O
s
I
V
=3.3V,f =1MHz,V =12V
O
s
I
V
=2V,f =500kHz,V =12V
O
s
I
V
=2V,f =750kHz,V =12V
O
s
I
V
=2V,f =1MHz,V =12V
O
s
I
V
=1.2V,f =500kHz,V =12V
O
s
I
V
=1.2V,f =750kHz,V =12V
O
s
I
V
=1.2V,f =1MHz,V =12V
O
s
I
65
70
75
80
85
90
UCD7242
SLUS962B – JANUARY 2010 – REVISED AUGUST 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Inductor used in the following plots is a 0.47
μH BI Technologies inductor (HM72A). All data taken at room ambient.
Figure 6.
Figure 7.
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: UCD7242


Similar Part No. - UCD7242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242 TI-UCD7242 Datasheet
1Mb / 32P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 33P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 35P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
1Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
More results

Similar Description - UCD7242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242_101 TI-UCD7242_101 Datasheet
1Mb / 35P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP_16 Datasheet
1Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 32P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242_10 Datasheet
1Mb / 33P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Texas Instruments
UCD9112 TI-UCD9112 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
UCD9112 TI1-UCD9112_16 Datasheet
886Kb / 27P
[Old version datasheet]   Digital Dual-Phase Synchronous Buck Controller
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com