Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27524A1-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524A1-Q1
Description  Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524A1-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27524A1-Q1 Datasheet HTML 5Page - Texas Instruments UCC27524A1-Q1 Datasheet HTML 6Page - Texas Instruments UCC27524A1-Q1 Datasheet HTML 7Page - Texas Instruments UCC27524A1-Q1 Datasheet HTML 8Page - Texas Instruments UCC27524A1-Q1 Datasheet HTML 9Page - Texas Instruments UCC27524A1-Q1 Datasheet HTML 10Page - Texas Instruments UCC27524A1-Q1 Datasheet HTML 11Page - Texas Instruments UCC27524A1-Q1 Datasheet HTML 12Page - Texas Instruments UCC27524A1-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
8
10
12
14
16
18
−50
0
50
100
150
Temperature (°C)
Turn−on
Turn−off
VDD = 12 V
CLOAD = 1.8 nF
G010
8
10
12
14
16
18
−50
0
50
100
150
Temperature (°C)
EN to Output High
EN to Output Low
VDD = 12 V
CLOAD = 1.8 nF
G011
5
6
7
8
9
10
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLOAD = 1.8 nF
G008
5
6
7
8
9
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLOAD = 1.8 nF
G009
3
4
5
6
7
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
IOUT = −10 mA
G006
0.2
0.4
0.6
0.8
1
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
IOUT = 10 mA
G007
9
UCC27524A1-Q1
www.ti.com
SLVSDH6 – APRIL 2017
Product Folder Links: UCC27524A1-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 9. Output Pullup Resistance vs Temperature
Figure 10. Output Pulldown Resistance vs Temperature
Figure 11. Rise Time vs Temperature
Figure 12. Fall Time vs Temperature
Figure 13. Input to Output Propagation Delay vs
Temperature
Figure 14. En to Output Propagation Delay vs Temperature


Similar Part No. - UCC27524A1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524A TI-UCC27524A Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
More results

Similar Description - UCC27524A1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27518A-Q1 TI-UCC27518A-Q1_15 Datasheet
892Kb / 32P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27624 TI-UCC27624_V01 Datasheet
2Mb / 33P
[Old version datasheet]   UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624 TI-UCC27624_V02 Datasheet
3Mb / 37P
[Old version datasheet]   UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com