Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3800 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3800
Description  Low-Power BiCMOS Current-Mode PWM Controllers
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3800 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3800 Datasheet HTML 3Page - Texas Instruments UCC3800 Datasheet HTML 4Page - Texas Instruments UCC3800 Datasheet HTML 5Page - Texas Instruments UCC3800 Datasheet HTML 6Page - Texas Instruments UCC3800 Datasheet HTML 7Page - Texas Instruments UCC3800 Datasheet HTML 8Page - Texas Instruments UCC3800 Datasheet HTML 9Page - Texas Instruments UCC3800 Datasheet HTML 10Page - Texas Instruments UCC3800 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
www.ti.com
SLUS270E – MARCH 1999 – REVISED JUNE 2016
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
8.4 Thermal Information
THERMAL METRIC(1)
UCC180x, UCC280x, UCC380x
UNIT
PW (TSSOP)
J (CDIP),
D (SOIC)
N (PDIP)
L (LCC)
8 PINS
8 PINS
8 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
153.8
107.5
50.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
38.4
49.3
40.3
40.7
°C/W
RθJB
Junction-to-board thermal resistance
83.8
48.7
28.1
39.6
°C/W
ψJT
Junction-to-top characterization parameter
2.2
6.6
17.6
°C/W
ψJB
Junction-to-board characterization parameter
82
48
28
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.2
°C/W
(1)
Adjust VCC above the start threshold before setting at 10 V.
(2)
Total variation includes temperature stability and load regulation.
(3)
Ensured by design. Not 100% tested in production.
(4)
Oscillator frequency for the UCCx800, UCCx802, and UCCx803 is the output frequency. Oscillator frequency for the UCCx801,
UCCx804, and UCCx805 is twice the output frequency.
8.5 Electrical Characteristics
–55°C
≤ TA ≤ 125°C for UCC180x, –40°C ≤ TA ≤ 85°C for UCC280x, and 0°C ≤ TA ≤ 70°C for UCC380x. VCC = 10 V
(1), RT =
100 k from REF to RC, CT = 330 pF from RC to GND, 0.1-pF capacitor from VCC to GND, 0.1-pF capacitor from VREF to GND,
and TA= TJ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
Output voltage
TJ= 25°C, I = 0.2 mA, UCCx800, UCCx801, UCCx802, and
UCCx804
4.925
5
5.075
V
TJ= 25°C, I = 0.2 mA, UCCx803 and UCCx805
3.94
4
4.06
Load regulation
0.2 mA < I < 5 mA
UCC180x and UCC280x
10
30
mV
UCC380x
25
Line regulation
TJ = 25°C, VCC = 10 V to clamp (IVCC = 25 mA)
1.9
mV/V
TJ = –55°C to 125°C, VCC = 10 V to
clamp (IVCC = 25 mA)
UCC180x and UCC280x
2.5
UCC380x
2.1
Total variation
UCCx800, UCCx801, UCCx802, and UCCx804(2)
4.88
5
5.1
V
UCCx803 and UCCx805(2)
3.9
4
4.08
Output noise voltage
10 Hz
≤ f ≤ 10 kHz, TJ= 25°C
(3)
130
µV
Long term stability
TA = 125°C, 1000 hours
(3)
5
mV
Output short circuit
–5
–35
mA
OSCILLATOR
Oscillator frequency
UCCx800, UCCx801, UCCx802, UCCx804(4)
40
46
52
kHz
UCCx803 and UCCx805(4)
26
31
36
Temperature stability(3)
2.5%
Amplitude peak-to-peak
2.25
2.4
2.55
V
Oscillator peak voltage
2.45
V
ERROR AMPLIFIER
Input voltage
COMP = 2.5 V, UCCx800, UCCx801, UCCx802, and UCCx804
2.44
2.5
2.56
V
COMP = 2 V, UCCx803 and UCCx805
1.95
2
2.05
Input bias current
–1
1
µA
Open loop voltage gain
60
80
dB
COMP sink current
FB = 2.7 V, COMP = 1.1 V
UCC180x and UCC280x
0.3
3.5
mA
UCC380x
0.4
2.5
COMP source current
FB = 1.8 V, COMP = REF – 1.2 V
–0.2
–0.5
–0.8
mA
Gain bandwidth product(3)
2
MHz


Similar Part No. - UCC3800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3800 TI-UCC3800 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3800 TI-UCC3800 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3800 TI1-UCC3800 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC3800D TI-UCC3800D Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3800D TI1-UCC3800D Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC3800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   Automotive BiCMOS Low-Power Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com