Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9034PCX Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS9034PCX
Description  RAMified Watchdog Timekeeper
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS9034PCX Datasheet HTML 3Page - Dallas Semiconductor DS9034PCX Datasheet HTML 4Page - Dallas Semiconductor DS9034PCX Datasheet HTML 5Page - Dallas Semiconductor DS9034PCX Datasheet HTML 6Page - Dallas Semiconductor DS9034PCX Datasheet HTML 7Page - Dallas Semiconductor DS9034PCX Datasheet HTML 8Page - Dallas Semiconductor DS9034PCX Datasheet HTML 9Page - Dallas Semiconductor DS9034PCX Datasheet HTML 10Page - Dallas Semiconductor DS9034PCX Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS1486/DS1486P
7 of 17
TIME OF DAY ALARM MASK BITS Figure 3
REGISTER
(3) MINUTES
(5) HOURS
(7) DAYS
1
1
1
ALARM ONCE PER MINUTE
0
1
1
ALARM WHEN MINUTES MATCH
0
0
1
ALARM WHEN HOURS AND MINUTES MATCH
0
0
0
ALARM WHEN HOURS, MINUTES, AND DAYS MATCH
NOTE: ANY OTHER BIT COMBINATIONS OF MASK BIT SETTINGS PRODUCE ILLOGICAL OPERATION.
COMMAND REGISTER
Address location 0Bh is the Command Register where mask bits, control bits and flag bits reside. The
operation of each bit is as follows:
TE - Bit 7 Transfer enable - This bit when set to a logic 0 will disable the transfer of data between
internal and external clock registers. The contents in the external clock registers are now frozen and reads
or writes will not be affected with updates. This bit must be set to a logic 1 to allow updates.
IPSW - Bit 6 Interrupt switch - When set to a logic 1, INTA is the Time of Day Alarm and INTB/( INTB )
is the Watchdog Alarm. When set to logic 0, this bit reverses the output pins. INTA is now the Watchdog
Alarm output and INTB/( INTB ) is the Time of Day Alarm output. The INTA /SQW output pin shares both
the interrupt A and square wave output function. INTA and the square wave function should never be
simultaneously enabled or a conflict may occur (32-pin DIP module only).
IBH/LO - Bit 5 Interrupt B Sink or Source Current - When this bit is set to a logic 1 and VCC is applied,
INTB/( INTB ) will source current (see DC characteristics IOH). When this bit is set to a logic 0, INTB
will sink current (see DC characteristics IOL).
PU/LVL - Bit 4 Interrupt pulse mode or level mode - This bit determines whether both interrupts will
output a pulse or level signal. When set to a logic 0, INTA and INTB/( INTB ) will be in the level mode.
When this bit is set to a logic 1, the pulse mode is selected and INTA will sink current for a minimum of
3 ms and then release. INTB/( INTB ) will either sink or source current, depending on the condition of Bit
5, for a minimum of 3 ms and then release. INTB will only source current when there is a voltage present
on VCC.
WAM - Bit 3 Watchdog Alarm Mask - When this bit is set to a logic 0, the Watchdog Interrupt output
will be activated. The activated state is determined by bits 1,4,5, and 6 of the COMMAND REGISTER.
When this bit is set to a logic 1, the Watchdog interrupt output is deactivated.
TDM - Bit 2 Time of Day Alarm Mask - When this bit is set to a logic 0, the Time of Day Alarm
Interrupt output will be activated. The activated state is determined by bits 0, 4, 5, and 6 of the
COMMAND REGISTER. When this bit is set to a logic 1, the Time of Day Alarm interrupt output is
deactivated.
WAF - Bit 1 Watchdog Alarm Flag - This bit is set to a logic 1 when a watchdog alarm interrupt occurs.
This bit is read only.
The bit is reset when any of the Watchdog Alarm registers are accessed.


Similar Part No. - DS9034PCX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9034PCX DALLAS-DS9034PCX Datasheet
263Kb / 20P
   RAMified Watchdog Timekeeper
logo
Maxim Integrated Produc...
DS9034PCX MAXIM-DS9034PCX Datasheet
116Kb / 4P
   PowerCap with Crystal
19-5584; Rev 10/10
logo
Dallas Semiconductor
DS9034PCX DALLAS-DS9034PCX Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS9034PCX DALLAS-DS9034PCX Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS9034PCX DALLAS-DS9034PCX Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
More results

Similar Description - DS9034PCX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1386 DALLAS-DS1386 Datasheet
263Kb / 20P
   RAMified Watchdog Timekeeper
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
   Watchdog Timekeeper
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
   Watchdog Timekeeper Chip
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
   Watchdog Timekeeper Chip
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
   Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
   Serial Timekeeper Chip
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Dallas Semiconductor
DS1395 DALLAS-DS1395 Datasheet
193Kb / 19P
   RAMified Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com