Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPI-0804T-2R2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-0804T-2R2
Description  Special design lead wire for high isolation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0804T-2R2 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-0804T-2R2 Datasheet HTML 1Page - Abracon Corporation ASPI-0804T-2R2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASPI-0804T
OUTLINE DIMENSIONS:
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 10.21.11
Visit
www.abracon.comfor Terms & Conditions of Sale
13.5 x 9.5 x 5.5mm
ABRACON IS
ISO9001:2008
CERTIFIED
TAPE & REEL:
SMD Power Inductor
Dimension: inch (mm)
REFLOW PROFILE:
T: 700pcs / reel
Dimension: inch/(mm)
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
A
B max.
C max. D max.
8.6
5.5
9.5
13.50
Recommended Land Pattern
RoHS
Compliant
Pb
Item
mark
Temperature rise gradient
3
℃/sec(max)
Heating time
Tsoak
50s ~ 150s
Heating temperature
120
℃~180℃
Time over 217
t1
70 sec
Time within 5
℃ofactualpeaktemperature t3
10~30 sec
Peak temperature
Tpeak
250 ( +0 / -5
℃)
Time 25
℃topeakTemperature
6 minutes max.
Temperature(°C)
Time (sec)
Tpeak
t3
t1
Tsoak
t3
t1
25°C
Time 25°C to peak
TYPE
CARRIER TAPE / SIZE (mm)
REEL 13"×24mm
A0
B0
K0
P
W
F
t
A
B
C
D
ASPI-
0804T
9.5 ±
0.1
13.4 ±
0.1
5.8 ±
0.1
12 ±
0.1
24 ±
0.3
11.5 ±
0.1
0.4±0.05
24.5 ±
0.2
100 ±
0.5
13.2 ±
0.3
330 ±
1.0


Similar Part No. - ASPI-0804T-2R2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-2R2M ABRACON-ASPI-0804T-2R2M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
More results

Similar Description - ASPI-0804T-2R2

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WK25V_J WALSIN-WK25V_J Datasheet
381Kb / 8P
   Special material and design for high working voltage require
WK25V WALSIN-WK25V Datasheet
225Kb / 8P
   Special material and design for high working voltage require
WF25V WALSIN-WF25V Datasheet
373Kb / 8P
   Special material and design for high working voltage require
logo
List of Unclassifed Man...
1SS101 ETC1-1SS101 Datasheet
124Kb / 2P
   SUPER HIGH SPEED SWITCHING DIODE SPECIAL DESIGN FOR PROTECTING SOLAR BATTERY
logo
WALSIN TECHNOLOGY CORPO...
WF25N WALSIN-WF25N Datasheet
524Kb / 9P
   Special materials and design for higher working voltage required
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
2CL100-30 KISEMICONDUCTOR-2CL100-30 Datasheet
132Kb / 1P
   High Voltage Diodes for Special Using
2CL300-10 KISEMICONDUCTOR-2CL300-10 Datasheet
164Kb / 1P
   High Voltage Diodes for Special Using
2CL200-15 KISEMICONDUCTOR-2CL200-15 Datasheet
174Kb / 1P
   High Voltage Diodes for Special Using
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com