Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V41236PGGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5V41236PGGI
Description  4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41236PGGI Datasheet(HTML) 1 Page - Integrated Device Technology

  5V41236PGGI Datasheet HTML 1Page - Integrated Device Technology 5V41236PGGI Datasheet HTML 2Page - Integrated Device Technology 5V41236PGGI Datasheet HTML 3Page - Integrated Device Technology 5V41236PGGI Datasheet HTML 4Page - Integrated Device Technology 5V41236PGGI Datasheet HTML 5Page - Integrated Device Technology 5V41236PGGI Datasheet HTML 6Page - Integrated Device Technology 5V41236PGGI Datasheet HTML 7Page - Integrated Device Technology 5V41236PGGI Datasheet HTML 8Page - Integrated Device Technology 5V41236PGGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATASHEET
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT5V41236
IDT® 4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
1
IDT5V41236
APRIL 4, 2017
Recommended Applications
Four output synthesizer for PCIe Gen1/2/3
General Description
The IDT5V41236 is a PCIe Gen2/3 compliant
spread-spectrum-capable clock generator. The device has
4 differential HCSL outputs and can be used in
communication or embedded systems to substantially
reduce electro-magnetic interference (EMI). The spread
amount and output frequency are selectable via select pins.
Output Features
4 - 0.7V current mode differential HCSL output pairs
Features/Benefits
20-pin TSSOP/VFQFPN packages; small board footprint
Spread-spectrum capable; reduces EMI
Outputs can be terminated to LVDS; can drive a wider
variety of devices
Power down pin; greater system power management
OE control pin; greater system power management
Spread% and frequency pin selection; no software
required to configure device
Industrial temperature range available; supports
demanding embedded applications
Key Specifications
Cycle-to-cycle jitter < 100 ps
Output-to-output skew < 50 ps
PCIe Gen2 phase jitter < 3.0ps RMS
PCIe Gen3 phase jitter < 1.0ps RMS
Block Diagram
Spread
Spectrum/
Output
clock
selection
CLKOUTA
CLKOUTA
Rr(IREF)
PLL Clock
Synthesis
3
GND
VDD
Clock
Oscillator
X1
SEL[2:0]
Spread
Spectrum
Circuitry
2
2
CLKOUTB
CLKOUTD
X2
25 MHz
crystal or
clock
OE
PD
Optional tuning crystal
capacitors
CLKOUTD
CLKOUTC
CLKOUTC
CLKOUTB


Similar Part No. - 5V41236PGGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41236PGGI RENESAS-5V41236PGGI Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236PGGI8 RENESAS-5V41236PGGI8 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
More results

Similar Description - 5V41236PGGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
   4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
IDT5V41186 RENESAS-IDT5V41186 Datasheet
343Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
010915
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41234 IDT-5V41234 Datasheet
181Kb / 13P
   1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com