Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

580G-01ILF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 580G-01ILF
Description  GLITCH-FREE CLOCK MULITPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

580G-01ILF Datasheet(HTML) 5 Page - Integrated Device Technology

  580G-01ILF Datasheet HTML 1Page - Integrated Device Technology 580G-01ILF Datasheet HTML 2Page - Integrated Device Technology 580G-01ILF Datasheet HTML 3Page - Integrated Device Technology 580G-01ILF Datasheet HTML 4Page - Integrated Device Technology 580G-01ILF Datasheet HTML 5Page - Integrated Device Technology 580G-01ILF Datasheet HTML 6Page - Integrated Device Technology 580G-01ILF Datasheet HTML 7Page - Integrated Device Technology 580G-01ILF Datasheet HTML 8Page - Integrated Device Technology 580G-01ILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
5
ICS580-01
REV L 051310
Application Example
In the third example, the ICS580-01 is configured to automatically switch clocks when an input stops. The clock that
could stop is connected to INA while the backup clock (always running) is connected to INB. The output NO_INA is
connected to SELB. This means that when the clock on INA stops, NO_INA goes high selecting the clock on INB
which is muxed to the output after three cycles. When the clock on INA restarts, NO_INA immediately goes low,
selecting the clock on INA. The output then switches in the manner described in the first example.
The circuit diagram in Figure 3 shows a typical connection for this example. Note that CLK2 and NO_INB are
unused and are disabled by grounding OE2 and OE4. A 33
Ω series termination resistor is used on the clock output
and two decoupling capacitors of 0.01
µF are used. All other inputs are left floating and are therefore pulled high by
the on-chip pull-ups.
Output Enable
Each output has a dedicated output enable pin. If an output is unused, it should be tri-stated by tying the
appropriate output enable pin to ground.
External Components
The ICS580-01 requires two 0.01
µF decoupling capacitors, one between VDDI and GND and one between VDDC
and GND. Series termination resistors of 33
Ω can be used on CLK1 and CLK2.
NO_INA
SELB
NO_INB
DIV
GND
VDDI
OE2
INA
INB
GND
OE4
OE3
OE1
VDDC
CLK1
CLK2
VDD
0.01
µF
33
0.01
µF
Normal Clock
Backup Clock
Output Clock


Similar Part No. - 580G-01ILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
580G-01ILF RENESAS-580G-01ILF Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
580G-01ILFT RENESAS-580G-01ILFT Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
More results

Similar Description - 580G-01ILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
   Glitch-Free Clock Multiplexer
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
   Zero-Delay Glitch-Free Clock Multiplexer
logo
Integrated Device Techn...
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
logo
Integrated Circuit Syst...
9DMU0141 ICST-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Integrated Device Techn...
9DMU0441 IDT-9DMU0441 Datasheet
121Kb / 11P
   Selectable asynchronous or glitch-free switching
9DMU0141 IDT-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
   Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
logo
List of Unclassifed Man...
ATXP5 ETC1-ATXP5 Datasheet
95Kb / 12P
   Jumper Free Over Clock Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com