Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8745BYILF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 8745BYILF
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8745BYILF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 8745BYILF Datasheet HTML 3Page - Integrated Device Technology 8745BYILF Datasheet HTML 4Page - Integrated Device Technology 8745BYILF Datasheet HTML 5Page - Integrated Device Technology 8745BYILF Datasheet HTML 6Page - Integrated Device Technology 8745BYILF Datasheet HTML 7Page - Integrated Device Technology 8745BYILF Datasheet HTML 8Page - Integrated Device Technology 8745BYILF Datasheet HTML 9Page - Integrated Device Technology 8745BYILF Datasheet HTML 10Page - Integrated Device Technology 8745BYILF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
7
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
AC Electrical Characteristics
Table 6. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions..
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as the time difference between the input reference clock and the averaged feedback input signal across all conditions, when
the PLL is locked and the input reference frequency is stable.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 4: Phase jitter is dependent on the input source used.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 6: Characterized at VCO frequency of 622MHz.
NOTE 7: Measured from the 20% to 80% points. Guaranteed by characterization. Not production tested.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
700
MHz
tPD
Propagation Delay; NOTE 1
PLL_SEL = 0V, f
≤ 700MHz
2.9
3.4
4.0
ns
tsk(Ø)
Static Phase Offset; NOTE 2, 5
PLL_SEL = 3.3V
-100
25
150
ps
tsk(o)
Output Skew; NOTE 3, 5
40
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 5, 6
30
ps
tjit(
θ)
Phase Jitter; NOTE 4, 5, 6
±52
ps
tL
PLL Lock Time
1ms
tR / tF
Output Rise/Fall Time; NOTE 7
20% to 80%
200
700
ps
odc
Output Duty Cycle
45
50
55
%


Similar Part No. - 8745BYILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8745BYILF RENESAS-8745BYILF Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
8745BYILFT RENESAS-8745BYILFT Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
More results

Similar Description - 8745BYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
logo
Integrated Device Techn...
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com