Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7151M-20LFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7151M-20LFT
Description  SPREAD SPECTRUM CLOCK GENERATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7151M-20LFT Datasheet(HTML) 5 Page - Integrated Device Technology

  7151M-20LFT Datasheet HTML 1Page - Integrated Device Technology 7151M-20LFT Datasheet HTML 2Page - Integrated Device Technology 7151M-20LFT Datasheet HTML 3Page - Integrated Device Technology 7151M-20LFT Datasheet HTML 4Page - Integrated Device Technology 7151M-20LFT Datasheet HTML 5Page - Integrated Device Technology 7151M-20LFT Datasheet HTML 6Page - Integrated Device Technology 7151M-20LFT Datasheet HTML 7Page - Integrated Device Technology 7151M-20LFT Datasheet HTML 8Page - Integrated Device Technology 7151M-20LFT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS7151
SPREAD SPECTRUM CLOCK GENERATOR
SSCG
IDT™ / ICS™ SPREAD SPECTRUM CLOCK GENERATOR
5
ICS7151
REV J 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±0.3 V, Ambient Temperature -40 to +85
° C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±0.3 V, Ambient Temperature -40 to +85
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
No load, at 3.3 V
10
20
mA
Input High Voltage
VIH
XIN, S0, S1, ENS
VDDx0.8
VDD + 0.3
V
Input Low Voltage
VIL
XIN, S0, S1, ENS
0.0
VDDx0.20
V
Output High Voltage
VOH
CKOUT, IOH = -4 mA
VDD-0.5
V
Output Low Voltage
VOL
CKOUT, IOL = 4 mA
0.4
V
Input Capacitance
CIN
XIN, S0, S1, ENS
16
pF
Load Capacitance
CL
CKOUT, 8.3 to 66.7
MHz
15
pF
CKOUT, 66.7 to 100
MHz
10
pF
CKOUT, 100 to 133.4
MHz
7pF
Input Pull-up Resistor
RPU
ENS
100
240
400
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Crystal Frequency
16.5
33.4
MHz
Input Clock Frequency
fIN
16.5
33.4
MHz
Output Frequency
fOUT
CKOUT, Multiply by 1
(ICS7151-10)
16.5
33.4
MHz
CKOUT, Multiply by 2
(ICS7151-20)
33.3
66.7
MHz
CKOUT, Multiply by 4
(ICS7151-40)
66.6
133.4
MHz
CKOUT, 2-frequency
division (ICS7151-50)
8.3
16.7
MHz
Input Clock Duty Cycle
XIN, 16.5 to 33.4 MHz
40
50
60
%
Output Clock Duty Cycle
tDCC
CKOUT, 1.5 V
40
60
%
Output Slew Rate
CKOUT, 0.4 to 2.4 V,
CL = 15 pF
0.5
3.0
V/ns


Similar Part No. - 7151M-20LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
7151M-20 ICST-7151M-20 Datasheet
169Kb / 8P
   Spread Spectrum Clock Generator
More results

Similar Description - 7151M-20LFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com