Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

580M-01LF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 580M-01LF
Description  GLITCH-FREE CLOCK MULITPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

580M-01LF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 580M-01LF Datasheet HTML 5Page - Integrated Device Technology 580M-01LF Datasheet HTML 6Page - Integrated Device Technology 580M-01LF Datasheet HTML 7Page - Integrated Device Technology 580M-01LF Datasheet HTML 8Page - Integrated Device Technology 580M-01LF Datasheet HTML 9Page - Integrated Device Technology 580M-01LF Datasheet HTML 10Page - Integrated Device Technology 580M-01LF Datasheet HTML 11Page - Integrated Device Technology 580M-01LF Datasheet HTML 12Page - Integrated Device Technology 580M-01LF Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
9
ICS580-01
REV L 051310
Marking Diagram (ICS580M-01LF)
Marking Diagram (ICS580M-01ILF)
Marking Diagram (ICS580G-01LF)
Marking Diagram (ICS580G-01ILF)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. “LF” or “L” denotes Pb (lead) free package.
4. “I” indicates industrial grade.
4. Bottom marking: country of origin if not USA.
1
8
9
16
580M01LF
######
YYWW
1
8
9
16
580M01ILF
######
YYWW
1
8
9
16
580G01LF
######
YYWW
1
8
9
16
580G01IL
######
YYWW


Similar Part No. - 580M-01LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
580M-01LF RENESAS-580M-01LF Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
580M-01LFT RENESAS-580M-01LFT Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
More results

Similar Description - 580M-01LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
   Glitch-Free Clock Multiplexer
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
   Zero-Delay Glitch-Free Clock Multiplexer
logo
Integrated Device Techn...
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
logo
Integrated Circuit Syst...
9DMU0141 ICST-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Integrated Device Techn...
9DMU0441 IDT-9DMU0441 Datasheet
121Kb / 11P
   Selectable asynchronous or glitch-free switching
9DMU0141 IDT-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
   Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
logo
List of Unclassifed Man...
ATXP5 ETC1-ATXP5 Datasheet
95Kb / 12P
   Jumper Free Over Clock Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com