Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2480EVBI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F2480EVBI
Description  Broadband RF Analog VGA 400 to 3000 MHz
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2480EVBI Datasheet(HTML) 2 Page - Integrated Device Technology

  F2480EVBI Datasheet HTML 1Page - Integrated Device Technology F2480EVBI Datasheet HTML 2Page - Integrated Device Technology F2480EVBI Datasheet HTML 3Page - Integrated Device Technology F2480EVBI Datasheet HTML 4Page - Integrated Device Technology F2480EVBI Datasheet HTML 5Page - Integrated Device Technology F2480EVBI Datasheet HTML 6Page - Integrated Device Technology F2480EVBI Datasheet HTML 7Page - Integrated Device Technology F2480EVBI Datasheet HTML 8Page - Integrated Device Technology F2480EVBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
F2480 Datasheet
© 2017 Integrated Device Technology, Inc.
2
March23,2017
Pin Assignments
Figure 2. Pin Assignments for 5 x 5 x 0.75 mm - TQFN Package – Top View
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
NC
GND
RFAMP_IN
GND
NC
NC
NC
NC
NC
VMODE
VCC
NC
NC
NC
Bias
Ctrl
VCTRL
NC
EP


Similar Part No. - F2480EVBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2480EVBI RENESAS-F2480EVBI Datasheet
4Mb / 35P
   Broadband RF Analog VGA 400 to 3000 MHz
More results

Similar Description - F2480EVBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
   Broadband RF Analog VGA 400 to 3000 MHz
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
   Matched Broadband RF VGA
logo
Micronetics, Inc.
NMA2515-2T MICRONETICS-NMA2515-2T Datasheet
335Kb / 2P
   High Power Broadband Noise Sources 30 MHz to 3000 MHz
logo
Advanced Semiconductor ...
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
   400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX403 ASB-ASX403 Datasheet
312Kb / 5P
   400-3000 MHz MMIC Amplifier
August 2010
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
   400 ~ 3000 MHz MMIC Amplifier
February 2017
logo
Micronetics, Inc.
NMA2515-1T MICRONETICS-NMA2515-1T Datasheet
314Kb / 2P
   High Power Broadband Noise Sources 30 MHz to 3000 MHz
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
   Low Noise Amplifier 50??400 to 3000 MHz
logo
Advanced Semiconductor ...
ASX602 ASB-ASX602 Datasheet
1Mb / 14P
   400-3000 MHz MMIC Amplifier
December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com