Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

873991AYLFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 873991AYLFT
Description  LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

873991AYLFT Datasheet(HTML) 3 Page - Integrated Device Technology

  873991AYLFT Datasheet HTML 1Page - Integrated Device Technology 873991AYLFT Datasheet HTML 2Page - Integrated Device Technology 873991AYLFT Datasheet HTML 3Page - Integrated Device Technology 873991AYLFT Datasheet HTML 4Page - Integrated Device Technology 873991AYLFT Datasheet HTML 5Page - Integrated Device Technology 873991AYLFT Datasheet HTML 6Page - Integrated Device Technology 873991AYLFT Datasheet HTML 7Page - Integrated Device Technology 873991AYLFT Datasheet HTML 8Page - Integrated Device Technology 873991AYLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
873991
www.idt.com
REV. A 8/25/15
3
873991
LOW VOLTAGE, LVCMOS/
LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1V
EE
Power
Negative supply pin.
2
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are
reset causing the true outputs (Qx) to go low and the inverted outputs
(nQx) to go high. When logic LOW, the internal dividers and the outputs
are enabled. LVCMOS/LVTTL interface levels.
3
PLL_EN
Input
Pulldown
PLL enable pin. When logic LOW, PLL is enabled. When logic HIGH, PLL
is in bypass mode. LVCMOS/LVTTL interface levels.
4
REF_SEL
Input
Pulldown
Selects between the different reference inputs as the PLL reference
source. When logic LOW, selects PCLK/nPCLK. When logic HIGH, selects
TEST_CLK. LVCMOS/LVTTL interface levels.
5
6
7
FSEL_FB2
FSEL_FB1
FSEL_FB0
Input
Pulldown Feedback frequency select pins. LVCMOS/LVTTL interface levels.
8
TEST_CLK
Input
Pulldown LVCMOS/LVTTL test clock input.
9
PCLK
Input
Pulldown Non-inverting differential LVPECL clock input.
10
nPCLK
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. V
CC/2 default when left floating.
11
V
CC
Power
Core supply pin.
12
EXT_FB
Input
Pulldown External feedback input.
13
nEXT_FB
Input
Pullup/
Pulldown
External feedback input. t. V
CC/2 default when left floating.
14
V
CCA
Power
Analog supply pin.
15
16
nQFB
QFB
Output
Differential feedback output pair. LVPECL Interface levels.
17, 22, 30, 42
V
CCO
Power
Output supply pins.
18, 19
nQD0, QD0
Output
Differential output pair. LVPECL interface levels.
20, 21
nQD1, QD1
Output
Differential output pair. LVPECL interface levels.
23, 24
nQC0, QC0
Output
Differential output pair. LVPECL interface levels.
25, 26
nQC1, QC1
Output
Differential output pair. LVPECL interface levels.
27
33
36
39
FSEL3
FSEL2
FSEL1
FSEL0
Input
Pulldown Frequency select pins. LVCMOS/LVTTL interface levels.
28, 29
nQC2, QC2
Output
Differential output pair. LVPECL interface levels.
31, 32
nQB0, QB0
Output
Differential output pair. LVPECL interface levels.
34, 35
nQB1, QB1
Output
Differential output pair. LVPECL interface levels.
37, 38
nQB2, QB2
Output
Differential output pair. LVPECL interface levels.
40, 41
nQB3, QB3
Output
Differential output pair. LVPECL interface levels.
43, 44
nQA0, QA0
Output
Differential output pair. LVPECL interface levels.
45, 46
nQA1, QA1
Output
Differential output pair. LVPECL interface levels.
47, 48
nQA2, QA2
Output
Differential output pair. LVPECL interface levels.
49, 50
nQA3, QA3
Output
Differential output pair. LVPECL interface levels.
51
SYNC_SEL
Input
Pulldown
SYNC output select pin. When LOW, the SYNC otuput follows the timing
diagram (page 5). When HIGH, QD output follows QC output.
52
VCO_SEL
Input
Pulldown Selects VCO range. LVCMOS/LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.


Similar Part No. - 873991AYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
873991AY-147LF IDT-873991AY-147LF Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
873991AY-147LF IDT-873991AY-147LF Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
873991AY-147LFT IDT-873991AY-147LFT Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
873991AY-147LFT IDT-873991AY-147LFT Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
More results

Similar Description - 873991AYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843N001I IDT-843N001I Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
ICS873991-147 IDT-ICS873991-147 Datasheet
414Kb / 17P
   LOW VOLTAGE, LVCMOS/LVPECL-TO LVPECL/ECL CLOCK GENERATOR
873991-147 IDT-873991-147_17 Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
logo
Renesas Technology Corp
873991 RENESAS-873991 Datasheet
532Kb / 19P
   LOW VOLTAGE, LVCMOS/ LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
8/25/15
873991-147 RENESAS-873991-147 Datasheet
530Kb / 21P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
8/25/15
logo
Integrated Circuit Syst...
ICS873990 ICST-ICS873990 Datasheet
165Kb / 16P
   LOW VOLTAGE, LVCMOS/ CRYSTAL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Renesas Technology Corp
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
logo
Cypress Semiconductor
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
CY2XP24ZXC CYPRESS-CY2XP24ZXC Datasheet
342Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP22ZXC CYPRESS-CY2XP22ZXC Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com