Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843442AGILFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 843442AGILFT
Description  FemtoClock??SAS/SATA Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843442AGILFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 843442AGILFT Datasheet HTML 3Page - Integrated Device Technology 843442AGILFT Datasheet HTML 4Page - Integrated Device Technology 843442AGILFT Datasheet HTML 5Page - Integrated Device Technology 843442AGILFT Datasheet HTML 6Page - Integrated Device Technology 843442AGILFT Datasheet HTML 7Page - Integrated Device Technology 843442AGILFT Datasheet HTML 8Page - Integrated Device Technology 843442AGILFT Datasheet HTML 9Page - Integrated Device Technology 843442AGILFT Datasheet HTML 10Page - Integrated Device Technology 843442AGILFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
843442AG REVISION B 08/21/2015
7
©2015 Integrated Device Technology, Inc.
843442 Data Sheet
FEMTOCLOCK™ SAS/SATA Clock Generator
Application Information
Crystal Input Interface
The 843442 has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in Figure
1 below were determined using a 25MHz, 18pF parallel resonant
crystal and were chosen to minimize the ppm error. The optimum C1
and C2 values can be slightly adjusted for different board layouts.
Figure 1. Crystal Input Interface
LVCMOS to XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 2. The XTAL_OUT pin can be left floating. The input
edge rate can be as slow as 10ns. For LVCMOS signals, it is
recommended that the amplitude be reduced from full swing to half
swing in order to prevent signal interference with the power rail and
to reduce noise. This configuration requires that the output
impedance of the driver (Ro) plus the series resistance (Rs) equals
the transmission line impedance. In addition, matched termination at
the crystal input will attenuate the signal in half. This can be done in
one of two ways. First, R1 and R2 in parallel should equal the
transmission line impedance. For most 50
 applications, R1 and R2
can be 100
. This can also be accomplished by removing R1 and
making R2 50
. By overdriving the crystal oscillator, the device will
be functional, but note, the device performance is guaranteed by
using a quartz crystal.
Figure 2. General Diagram for LVCMOS Driver to XTAL Input Interface
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
27pF
C2
27pF
XTAL_IN
XTAL_OUT
Ro
Rs
Zo = Ro + Rs
50
Ω
0.1µf
R1
R2
VCC
VCC


Similar Part No. - 843442AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843442AGILFT IDT-843442AGILFT Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843442AGILFT IDT-843442AGILFT Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843442AGILFT RENESAS-843442AGILFT Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
More results

Similar Description - 843442AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844441 IDT-844441 Datasheet
356Kb / 15P
   FemtoClock SAS/ SATA Clock Generator
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
   FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
   FemtoClock® SAS/SATA Clock Generator
June 30, 2016
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com