Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843201-375 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 843201-375
Description  FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843201-375 Datasheet(HTML) 1 Page - Integrated Device Technology

  843201-375 Datasheet HTML 1Page - Integrated Device Technology 843201-375 Datasheet HTML 2Page - Integrated Device Technology 843201-375 Datasheet HTML 3Page - Integrated Device Technology 843201-375 Datasheet HTML 4Page - Integrated Device Technology 843201-375 Datasheet HTML 5Page - Integrated Device Technology 843201-375 Datasheet HTML 6Page - Integrated Device Technology 843201-375 Datasheet HTML 7Page - Integrated Device Technology 843201-375 Datasheet HTML 8Page - Integrated Device Technology 843201-375 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FemtoClock
® Crystal-to-LVPECL 375MHz
Frequency Margining Synthesizer
843201-375
DATASHEET
843201-375 REVISION A 8/21/15
1
©2015 Integrated Device Technology, Inc.
1
2
3
4
5
6
7
8
Q
nQ
VCCO
VCC
VEE
MR
nPLL_SEL
nc
16
15
14
13
12
11
10
9
VCC
MODE
nc
XTAL_IN
XTAL_OUT
MARGIN
VEE
nc
GENERAL DESCRIPTION
The 843201-375 is a low phase-noise frequency margining
synthesizer. In the default mode, the device nominally generates a
375MHz LVPECL output clock signal from a 25MHz crystal input.
There is also a frequency margining mode available where the
device can be configured, using control pins, to vary the output
frequency up or down from nominal by 5%. The 843201-375 is
provided in a 16-pin TSSOP package.
FEATURES
One 375MHz nominal LVPECL output
Crystal oscillator interface designed for 25MHz, 18pF parallel
resonant crystal
• Output frequency can be varied ± 5% from nominal
• VCO range: 700MHz - 800MHz
• RMS phase jitter @ 375MHz, using a 25MHz crystal
(12kHz - 20MHz): 0.72ps (typical) @ 3.3V
• Output supply modes
Core/Output
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
Functional replacement part 8T49N241-dddNLGI
BLOCK DIAGRAM
PIN ASSIGNMENT
843201-375
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm
package body
G Package
Top View
1
0
0
1
Phase
Detector
VCO
700 - 800MHz
÷30
(÷57, ÷63)
OSC
Predivider
÷2
÷2
Q
nQ
Pulldown
25MHz
Pulldown
Pulldown
Pulldown
nPLL_SEL
XTAL_IN
XTAL_OUT
MODE
MARGIN
MR


Similar Part No. - 843201-375

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843201-375 RENESAS-843201-375 Datasheet
470Kb / 20P
   FemtoClock® Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
8/21/15
More results

Similar Description - 843201-375

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843201-375 RENESAS-843201-375 Datasheet
470Kb / 20P
   FemtoClock® Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
8/21/15
logo
Integrated Device Techn...
843204I-01 IDT-843204I-01 Datasheet
186Kb / 14P
   FemtoClock짰 Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843001I-23 IDT-ICS843001I-23 Datasheet
1Mb / 24P
   FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
ICS843207-350 IDT-ICS843207-350 Datasheet
270Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 350MHZ FREQUENCY MARGINING SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843101I-100 ICST-ICS843101I-100 Datasheet
244Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 100MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101-312 ICST-ICS843101-312 Datasheet
183Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
ICS843101I-312 ICST-ICS843101I-312 Datasheet
228Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVPECL 312.5MHZ FREQUENCY MARGINING SYNTHESIZER
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com