Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-VMMK-3213 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # DEMO-VMMK-3213
Description  6 - 18 GHz Directional Detector in SMT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-VMMK-3213 Datasheet(HTML) 3 Page - Broadcom Corporation.

  DEMO-VMMK-3213 Datasheet HTML 1Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 2Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 3Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 4Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 5Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 6Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 7Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 8Page - Broadcom Corporation. DEMO-VMMK-3213 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Product Consistency Distribution Charts at 12 GHz, Vbias = 1.5 V
Ibias: Mean = 0.19 mA, LSL = 0.11 mA, USL = 0.25 mA
Vdet_Off: Mean = 62 mV, LSL = 45 mV, USL = 75 mV
Vdet_On @Pin = +16 dBm: Mean = 559 mV, LSL = 460 mV, USL = 700 mV
70
50
60
LSL
USL
540
700
460
500
580
620
660
LSL
USL
0.11
0.13
0.15
0.17
0.19
0.25
0.21
0.23
LSL
USL
Notes:
Distribution data sample sized is based on at least 54 Kpcs taken from
MPV lots.
Future wafers allocated to this product may have nominal values
anywhere between the upper and lower limits.


Similar Part No. - DEMO-VMMK-3213

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-3113 BOARDCOM-DEMO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
More results

Similar Description - DEMO-VMMK-3213

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-3113 BOARDCOM-DEMO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3113 AVAGO-VMMK-3113 Datasheet
686Kb / 8P
   2 - 6 GHz Directional Detector in SMT Package
VMMK-3213 AVAGO-VMMK-3213 Datasheet
683Kb / 9P
   6 - 18 GHz Directional Detector in SMT Package Ultrathin (0.25 mm)
logo
Broadcom Corporation.
DEMO-VMMK3313-24 BOARDCOM-DEMO-VMMK3313-24 Datasheet
645Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3413 AVAGO-VMMK-3413 Datasheet
656Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
Broadcom Corporation.
DEMO-VMMK3413-35 BOARDCOM-DEMO-VMMK3413-35 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
DEMO-VMMK3413-42 BOARDCOM-DEMO-VMMK3413-42 Datasheet
650Kb / 8P
   25 - 45 GHz Directional Detector in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3313 AVAGO-VMMK-3313 Datasheet
652Kb / 8P
   15 - 33 GHz Directional Detector in SMT Package
AMMP-6408 AVAGO-AMMP-6408_08 Datasheet
623Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
AMMP-6408 AVAGO-AMMP-6408 Datasheet
524Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com