Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-12516B Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # DEMO-MGA-12516B
Description  Low Noise, High Linearity Match Pair Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-12516B Datasheet(HTML) 1 Page - Broadcom Corporation.

  DEMO-MGA-12516B Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-12516B Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MGA-16516
Low Noise, High Linearity Match Pair Low Noise Amplifier
Data Sheet
Description
Avago Technologies’ MGA-16516 is an economical, easy-
to-use GaAs MMIC match pair Low Noise Amplifier (LNA).
The LNA has low noise and high linearity achieved through
the use of Avago Technologies’ proprietary 0.25um GaAs
Enhancement-mode pHEMT process. It is housed in a
miniature 4.0 x 4.0 x 0.85mm3 16-pin Quad-Flat-Non-Lead
(QFN) package. The compact footprint and low profile
coupled with low noise, high gain and high linearity make
the MGA-16516 an ideal choice as a low noise amplifier for
cellular infrastructure for GSM and CDMA. This device is
applicable to both Single and Balance mode. It is designed
for optimum use from 500MHz to 1.7GHz. For optimum
performance at higher frequency from 1.7GHz to 2.7GHz,
the MGA-17516 is recommended. Both MGA-16516 and
MGA-17516 share the same package and pinout.
Package Marking
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Machine Model = 60 V
ESD Human Body Model = 350 V
Refer to Avago Application Note A004R:
Electrostatic Discharge, Damage and Control.
Features
x 4.0 x 4.0 x 0.85 mm3 16-lead QFN
x Low noise figure
x High linearity performance
x GaAs E-pHEMT Technology[1]
x Low cost small package size: 4.0x4.0x0.85 mm3
x Excellent uniformity in product specifications
x Tape-and-Reel packaging option available
Specifications
850MHz; 5V, 50mA (typ) per section
x 17.7 dB Gain
x 0.4 dB Noise Figure
x 11.8 dBm Input IP3
x 18.3 dBm Output Power at 1dB gain compression
Applications
x Low noise amplifier for cellular infrastructure for GSM
and CDMA.
x Other ultra low noise application.
Note:
Package marking provides orientation and identification
“16516” = Device Code
“YYWW“= Year and Work Week
“XXXX” = Last 4 digit of Device Lot Number
Pin 1
GND
Pin 2
Pin 3
Pin 4
Pin 12
Pin 11
Pin 10
Pin 9
16516
YYWW
XXX
BOTTOM VIEW
TOP VIEW


Similar Part No. - DEMO-MGA-12516B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-13X16 BOARDCOM-DEMO-MGA-13X16 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
DEMO-MGA-16X16A BOARDCOM-DEMO-MGA-16X16A Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-16X16B BOARDCOM-DEMO-MGA-16X16B Datasheet
655Kb / 17P
   Dual LNA for Balanced Application 450 ??1450 MHz
DEMO-MGA-1X516 BOARDCOM-DEMO-MGA-1X516 Datasheet
723Kb / 14P
   High Gain, High Linearity, Active Bias,Low Noise Amplifier
DEMO-MGA-1X516A BOARDCOM-DEMO-MGA-1X516A Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
More results

Similar Description - DEMO-MGA-12516B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-17516 AVAGO-MGA-17516 Datasheet
412Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
Broadcom Corporation.
DEMO-MGA-1X516A BOARDCOM-DEMO-MGA-1X516A Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-16516 AVAGO-MGA-16516 Datasheet
435Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
logo
Broadcom Corporation.
MGA-17516 BOARDCOM-MGA-17516 Datasheet
412Kb / 16P
   Low Noise, High Linearity Match Pair Low Noise Amplifier
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com