Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709176001522006 Datasheet(PDF) 5 Page - AVX Corporation

Part # 709176001522006
Description  Single IDC Contact 18-24 AWG: WTB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

709176001522006 Datasheet(HTML) 5 Page - AVX Corporation

  709176001522006 Datasheet HTML 1Page - AVX Corporation 709176001522006 Datasheet HTML 2Page - AVX Corporation 709176001522006 Datasheet HTML 3Page - AVX Corporation 709176001522006 Datasheet HTML 4Page - AVX Corporation 709176001522006 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
CONNECT
INTERCONNECT
INTER
Single IDC Contact 18-24 AWG: WTB
9176-500
CAP DETAILS
NOTES:
1. CAP FOR IDC WIRE TO BOARD CONNECTION.
2. CAP MATERIAL: GLASS FILLED NYLON 46, COLOR SEE PAGE 1.
3. CAPS DESIGNED TO ACCOMMODATE WIRE INSULATION DIAMETERS 1.1MM TO 2.1MM.
4. ALL DIMENSIONS FOR REFERENCE UNLESS OTHERWISE STATED.
5. FOR FULL PRODUCT SPECIFICATION REFER TO ELCO SPEC 201-01-106, APPLICATION NOTES 201-01-124.
6. PACKING IN BAGS, QUANTITY 1000 PER BAG.
7. FOR INSTALATION DETAILS REFER TO DRAWING 70-9176-001-XX-006S.
Code Insulator Diameter
B
Text C
(AWG)
516
1.1 to 1.6 (22-24)
1.00
Ø 1.6
521
1.6 to 2.1 (18-20)
1.50
Ø 2.1


Similar Part No. - 709176001522006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
709177001601006 AVX-709177001601006 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact
709177001612006 AVX-709177001612006 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact
709177001622006 AVX-709177001622006 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact
709177001691006 AVX-709177001691006 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact
7091770016XX006 AVX-7091770016XX006 Datasheet
204Kb / 5P
   IDC Contact & Cap
More results

Similar Description - 709176001522006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9176 AVX-00-9176 Datasheet
1Mb / 11P
   Standard IDC 18-24 AWG: WTB
9177-600 AVX-9177-600 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact 12-18 AWG: WTB
9176-650 AVX-9176-650 Datasheet
506Kb / 4P
   Single Tine SMT 18-24 AWG: WTB
9176-600 AVX-9176-600 Datasheet
484Kb / 4P
   Single Tine PTH 18-24 AWG: WTB
9176-700 AVX-9176-700 Datasheet
320Kb / 8P
   Capped 18-24 AWG: WTB
9175-700 AVX-9175-700 Datasheet
255Kb / 6P
   Capped IDC 26-28 AWG: WTB
24-9159 AVX-24-9159 Datasheet
2Mb / 13P
   IDC Socket: WTB
14-9159 AVX-14-9159 Datasheet
2Mb / 13P
   IDC Plug: WTB
709177001691006 AVX-709177001691006 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact
70-9296 AVX-70-9296 Datasheet
1Mb / 6P
   Poke-Home: Single Vertical Contact 18-24 AWG:WTB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com