Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109159006101916 Datasheet(PDF) 7 Page - AVX Corporation

Part # 109159006101916
Description  Horizontal Plug: BTB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

109159006101916 Datasheet(HTML) 7 Page - AVX Corporation

  109159006101916 Datasheet HTML 1Page - AVX Corporation 109159006101916 Datasheet HTML 2Page - AVX Corporation 109159006101916 Datasheet HTML 3Page - AVX Corporation 109159006101916 Datasheet HTML 4Page - AVX Corporation 109159006101916 Datasheet HTML 5Page - AVX Corporation 109159006101916 Datasheet HTML 6Page - AVX Corporation 109159006101916 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
CONNECT
INTER
Horizontal Plug: BTB
10-9159
80-9159-4200-00-000
ACCESSORY RETAINING CLIP
PLUG ASSEMBLY
FOR REFERENCE ONLY
CLIP INSERTED INTO
10-9159-00X-101-X06
MATED ASSEMBLY – FOR REFERENCE ONLY
10-9159-00X-101-X06 MATED WITH 20-9159-00X-X06
NOTES:
1. CLIP TO RETAIN MATED PAIR PLUG AND SOCKET.
2. MATERIAL: STAINLESS STEEL.
4. TAIL INSERTED INTO SLOT OF 9159 2 PART PLUG (10-9159-00X-101-006). LEADING EDGE CLIPS OVER SOCKET.
5. ALL DIMENSIONS SHOWN ARE REFERENCE DIMENSIONS.
6. RECOMMENDED 1 CLIP IN 2, 3 AND 4 WAY. 2 CLIPS IN 5 AND 6 WAY. POSITIONS AT CUSTOMER DISCRETION.
CONNECT
INTER
Description
# of Positions
Part Number
UL File #
Horizontal Plug w/pre-installed locking clip
2
58 9159 002 000 015
E90723
Horizontal Plug w/pre-installed locking clip
3
58 9159 003 000 015
E90723
Horizontal Plug w/pre-installed locking clip
4
58 9159 004 000 015
E90723
Horizontal Plug w/pre-installed locking clips
5
58 9159 005 000 015
E90723
Horizontal Plug w/pre-installed locking clips
6
58 9159 006 000 015
E90723


Similar Part No. - 109159006101916

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109159 ERNI-109159 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
More results

Similar Description - 109159006101916

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
10-9159 AVX-10-9159 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
logo
Wurth Elektronik GmbH &...
695402150122 WURTH-695402150122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH PLUG HORIZONTAL
695403150122 WURTH-695403150122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH PLUG HORIZONTAL
695405150122 WURTH-695405150122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH PLUG HORIZONTAL
695404150122 WURTH-695404150122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH PLUG HORIZONTAL
logo
AVX Corporation
20-9159 AVX-20-9159 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
209159002101916 AVX-209159002101916 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
logo
Wurth Elektronik GmbH &...
695402151122 WURTH-695402151122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695405151122 WURTH-695405151122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695404151122 WURTH-695404151122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com