Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009159002501906 Datasheet(PDF) 9 Page - AVX Corporation

Part # 009159002501906
Description  Inverted Thru Board Card Edge: BTB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009159002501906 Datasheet(HTML) 9 Page - AVX Corporation

Back Button 009159002501906 Datasheet HTML 2Page - AVX Corporation 009159002501906 Datasheet HTML 3Page - AVX Corporation 009159002501906 Datasheet HTML 4Page - AVX Corporation 009159002501906 Datasheet HTML 5Page - AVX Corporation 009159002501906 Datasheet HTML 6Page - AVX Corporation 009159002501906 Datasheet HTML 7Page - AVX Corporation 009159002501906 Datasheet HTML 8Page - AVX Corporation 009159002501906 Datasheet HTML 9Page - AVX Corporation 009159002501906 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
CONNECT
INTERCONNECT
INTER
Inverted Thru Board Card Edge: BTB
00-9159
THROUGH THE BOARD MATING EDGE CARD CONNECTOR
CONNECTOR/PCB ASSEMBLY
0.8MM MATING PCB
NO CAP
CONNECTOR/PCB ASSEMBLY
1.6MM MATING PCB
WITH CAP
NOTES:
1. THROUGH THE BOARD EDGE CARD CONNECTOR.
2. FOR MATING PCB EITHER 0.8MM OR 1.6MM THICK. REFER TO PAGE 7 FOR MATING PCB DETAILS.
3. CONNECTOR TOP MOUNTING ON PCB.
4. PAD DETAILS ON THE MATING PCB ALLOW CONTACT TO BE MADE IN ANY POSITION FROM
THE STOP FACE UP TO 1MM FROM THE STOP FACE.
5. GENERAL TOLERANCE ±0.20 UNLESS STATED.


Similar Part No. - 009159002501906

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009159002001916 AVX-009159002001916 Datasheet
634Kb / 5P
   Standard Card Edge: BTB
00915900201911 AVX-00915900201911 Datasheet
634Kb / 5P
   Standard Card Edge: BTB
00915900201916 AVX-00915900201916 Datasheet
634Kb / 5P
   Standard Card Edge: BTB
More results

Similar Description - 009159002501906

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1773721-1 TEC-1-1773721-1 Datasheet
314Kb / 3P
   Inverted Thru Board Card Edge & Inverted Poke-In Platform Connectors
1-1773719-1 TEC-1-1773719-1 Datasheet
663Kb / 5P
   Inverted Thru Board Interconnects
logo
Tyco Electronics
2058943-1 MACOM-2058943-1 Datasheet
514Kb / 4P
   Inverted SMT Thru Board Connector
logo
Kyocera Kinseki Corpota...
00-9296 KSS-00-9296 Datasheet
1Mb / 8P
   POKE-HOME: INVERTED THRU BOARD
090721
logo
TE Connectivity Ltd
7-1773453-0 TEC-7-1773453-0 Datasheet
514Kb / 4P
   Inverted SMT Thru Board Connector
C-2106091 TEC-C-2106091 Datasheet
390Kb / 3P
   ASSEMBLY, THRU BOARD INVERTED SMT CONNECTOR
logo
Tyco Electronics
2106091-1 MACOM-2106091-1 Datasheet
390Kb / 3P
   ASSEMBLY, THRU BOARD INVERTED SMT CONNECTOR
logo
TE Connectivity Ltd
C-2154829 TEC-C-2154829 Datasheet
629Kb / 3P
   ASSEMBLY INVERTED THRU BOARD 2 THRU 4 POSITIONS 3.96 PITCH
logo
AVX Corporation
009159002001916 AVX-009159002001916 Datasheet
634Kb / 5P
   Standard Card Edge: BTB
00-9159 AVX-00-9159 Datasheet
444Kb / 5P
   Open Ended Card Edge: BTB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com