Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5532-AS Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 7Page - Cirrus Logic CS5532-AS Datasheet HTML 8Page - Cirrus Logic CS5532-AS Datasheet HTML 9Page - Cirrus Logic CS5532-AS Datasheet HTML 10Page - Cirrus Logic CS5532-AS Datasheet HTML 11Page - Cirrus Logic CS5532-AS Datasheet HTML 12Page - Cirrus Logic CS5532-AS Datasheet HTML 13Page - Cirrus Logic CS5532-AS Datasheet HTML 14Page - Cirrus Logic CS5532-AS Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
CS5531/32/33/34
DS289PP5
11
DYNAMIC CHARACTERISTICS
22. The ADCs use a Sinc5 filter for the 3200 Sps and 3840 Sps output word rate (OWR) and a Sinc5 filter
followed by a Sinc3 filter for the other OWRs. OWRsinc5 refers to the 3200 Sps (FRS = 1) or 3840 Sps
(FRS = 0) word rate associated with the Sinc5 filter.
23. The single conversion mode only outputs fully settled conversions. See Table 1 for more details about
single conversion mode timing. OWRSC is used here to designate the different conversion time
associated with single conversions.
24. The continuous conversion mode outputs every conversion. This means that the filter’s settling time
with a full scale step input in the continuous conversion mode is dictated by the OWR.
ABSOLUTE MAXIMUM RATINGS (DGND = 0 V; See Note 25.)
Notes: 25. All voltages with respect to ground.
26. VA+ and VA- must satisfy {(VA+) - (VA-)}
≤ +6.6 V.
27. VD+ and VA- must satisfy {(VD+) - (VA-)}
≤ +7.5 V.
28. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pins.
29. Transient current of up to 100 mA will not cause SCR latch-up. Maximum input current for a power
supply pin is ±50 mA.
30. Total power dissipation, including all input currents and output currents.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Ratio
Unit
Modulator Sampling Rate
fs
MCLK/16
Sps
Filter Settling Time to 1/2 LSB (Full Scale Step Input)
Single Conversion mode
(Notes 22, 23, and 24)
Continuous Conversion mode, OWR < 3200 Sps
Continuous Conversion mode, OWR
≥ 3200 Sps
ts
ts
ts
1/OWRSC
5/OWRsinc5 +3/OWR
5/OWR
s
s
s
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
(Notes 26 and 27)
Positive Digital
Positive Analog
Negative Analog
VD+
VA+
VA-
-0.3
-0.3
+0.3
-
-
-
+6.0
+6.0
-3.75
V
V
V
Input Current, Any Pin Except Supplies
(Notes 28 and 29)
IIN
--
±10
mA
Output Current
IOUT
--
±25
mA
Power Dissipation
(Note 30)
PDN
-
-
500
mW
Analog Input Voltage
VREF pins
AIN Pins
VINR
VINA
(VA-) -0.3
(VA-) -0.3
-
-
(VA+) + 0.3
(VA+) + 0.3
V
V
Digital Input Voltage
VIND
-0.3
-
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C


Similar Part No. - CS5532-AS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5532-AS CIRRUS-CS5532-AS Datasheet
789Kb / 50P
   16-bit and 24-bit ADCs with Ultra-low-noise PGIA
logo
List of Unclassifed Man...
CS5532-AS ETC2-CS5532-AS Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS5532-ASZ CIRRUS-CS5532-ASZ Datasheet
789Kb / 50P
   16-bit and 24-bit ADCs with Ultra-low-noise PGIA
More results

Similar Description - CS5532-AS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
   16-bit and 24-bit ADCs with Ultra-low-noise PGIA
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
   24-bit ?誇 ADCs with Ultra-low-noise PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5530_0911 CIRRUS-CS5530_0911 Datasheet
277Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com