Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5532-AS Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 6Page - Cirrus Logic CS5532-AS Datasheet HTML 7Page - Cirrus Logic CS5532-AS Datasheet HTML 8Page - Cirrus Logic CS5532-AS Datasheet HTML 9Page - Cirrus Logic CS5532-AS Datasheet HTML 10Page - Cirrus Logic CS5532-AS Datasheet HTML 11Page - Cirrus Logic CS5532-AS Datasheet HTML 12Page - Cirrus Logic CS5532-AS Datasheet HTML 13Page - Cirrus Logic CS5532-AS Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
CS5531/32/33/34
10
DS289PP5
5 V DIGITAL CHARACTERISTICS (VA+, VD+ = 5 V ±5%; VA-, DGND = 0 V;
See Notes 2 and 21.)
3 V DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+ = 5V ±5%; VD+ = 3.0V±10%; VA-, DGND =
0V; See Notes 2 and 21.)
21. All measurements performed under static conditions.
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
All Pins Except SCLK
SCLK
VIH
0.6 VD+
(VD+) - 0.45
-
-
VD+
VD+
V
Low-Level Input Voltage
All Pins Except SCLK
SCLK
VIL
0.0
0.0
-0.8
0.6
V
High-Level Output Voltage
A0 and A1, Iout =-1.0mA
SDO, Iout =-5.0mA
VOH
(VA+) - 1.0
(VD+) - 1.0
--
V
Low-Level Output Voltage
A0 and A1, Iout =1.0 mA
SDO, Iout =5.0 mA
VOL
--
(VA-) + 0.4
0.4
V
Input Leakage Current
Iin
-
±1
±10
µA
SDO 3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
All Pins Except SCLK
SCLK
VIH
0.6 VD+
(VD+) - 0.45
-VD+
VD+
V
Low-Level Input Voltage
All Pins Except SCLK
SCLK
VIL
0.0
0.0
-0.8
0.6
V
High-Level Output Voltage
A0 and A1, Iout =-1.0mA
SDO, Iout =-5.0mA
VOH
(VA+) - 1.0
(VD+) - 1.0
--
V
Low-Level Output Voltage
A0 and A1, Iout =1.0 mA
SDO, Iout =5.0 mA
VOL
--
(VA-) + 0.4
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
SDO 3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF


Similar Part No. - CS5532-AS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5532-AS CIRRUS-CS5532-AS Datasheet
789Kb / 50P
   16-bit and 24-bit ADCs with Ultra-low-noise PGIA
logo
List of Unclassifed Man...
CS5532-AS ETC2-CS5532-AS Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS5532-ASZ CIRRUS-CS5532-ASZ Datasheet
789Kb / 50P
   16-bit and 24-bit ADCs with Ultra-low-noise PGIA
More results

Similar Description - CS5532-AS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
   16-bit and 24-bit ADCs with Ultra-low-noise PGIA
CS5532 CIRRUS-CS5532 Datasheet
764Kb / 50P
   24-bit ?誇 ADCs with Ultra-low-noise PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5530_0911 CIRRUS-CS5530_0911 Datasheet
277Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com