Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUR6030 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # HUR6030
Description  Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HUR6030 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  HUR6030 Datasheet HTML 1Page - Sirectifier Semiconductors HUR6030 Datasheet HTML 2Page - Sirectifier Semiconductors HUR6030 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HUR6030, HUR6040
ADVANTAGES
* Avalanche voltage rated for reliable
operation
* Soft reverse recovery for low
EMI/RFI
* Low IRM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating
switch
APPLICATIONS
* Antiparallel diode for high frequency
switching devices
* Antisaturation diode
* Snubber diode
* Free wheeling diode in converters
and motor control circuits
* Rectifiers in switch mode power
supplies (SMPS)
* Inductive heating
* Uninterruptible power supplies (UPS)
* Ultrasonic cleaners and welders
FEATURES
* International standard package
* Glass passivated chips
* Very short recovery time
* Extremely low switching losses
* Low IRM-values
* Soft recovery behaviour
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25oC; VR=VRRM
TVJ=150oC; VR=VRRM
650
2.5
uA
mA
IR
RthJC
RthCH
0.65
K/W
trr
IF=1A; -di/dt=300A/us; VR=30V; TVJ=25oC
ns
IRM
VR=100V; IF=130A; -diF/dt=100A/us; TVJ=100oC
4.8
A
IF=60A; TVJ=150oC
TVJ=25oC
1.25
1.71
V
VF
0.25
30
Soft Recovery Behaviour High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diodes
* RoHS compliant
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - HUR6030

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR6030 SIRECTIFIER-HUR6030 Datasheet
235Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR6030PT SIRECTIFIER-HUR6030PT Datasheet
257Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR6030PT SIRECTIFIER-HUR6030PT Datasheet
263Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR6030PT SIRECTIFIER-HUR6030PT_16 Datasheet
263Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - HUR6030

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR1520 SIRECTIFIER-HUR1520_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR10100 SIRECTIFIER-HUR10100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR60100 SIRECTIFIER-HUR60100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR6020PT SIRECTIFIER-SUR6020PT Datasheet
267Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR1520 SIRECTIFIER-SUR1520 Datasheet
271Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR820 SIRECTIFIER-SUR820 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-08 SIRECTIFIER-SUR2X30-08 Datasheet
161Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR860S SIRECTIFIER-SUR860S Datasheet
244Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-04 SIRECTIFIER-SUR2X30-04 Datasheet
163Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080 SIRECTIFIER-SUR3080 Datasheet
144Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080PT SIRECTIFIER-SUR3080PT Datasheet
171Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com