Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

810001-22 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 810001-22
Description  FemtoClock??Dual VCXO Video PLL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

810001-22 Datasheet(HTML) 5 Page - Integrated Device Technology

  810001-22_17 Datasheet HTML 1Page - Integrated Device Technology 810001-22_17 Datasheet HTML 2Page - Integrated Device Technology 810001-22_17 Datasheet HTML 3Page - Integrated Device Technology 810001-22_17 Datasheet HTML 4Page - Integrated Device Technology 810001-22_17 Datasheet HTML 5Page - Integrated Device Technology 810001-22_17 Datasheet HTML 6Page - Integrated Device Technology 810001-22_17 Datasheet HTML 7Page - Integrated Device Technology 810001-22_17 Datasheet HTML 8Page - Integrated Device Technology 810001-22_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Rev A 8/14/15
5
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
810001-22 DATA SHEET
Table 3B. Output Frequency Table (Dual PLL Mode)
NOTE: Use the VCXO-PLL mode to achieve output frequencies of 27MHz or 26.973MHz. See Table 3G.
Table 3C. CLK_SEL Function Table
Table 3D. MR Master Reset Function Table
Table 3E. FemtoCLock PLL Feedback Divider Function Table
fVCXO
FemtoClock Look-up Table
Output Frequency fQ (MHz)
MF
N1
N0
27MHz
0
0
0
148.5000
0
0
1
74.2500
0
1
0
49.5000
0
1
1
33.0000
1
0
0
162.0000
1
0
1
81.0000
1
1
0
54.0000
1
1
1
36.0000
26.973MHz
0
0
0
148.3515
0
0
1
74.1758
0
1
0
49.4505
0
1
1
32.9670
1
0
0
161.8382
1
0
1
80.9191
1
1
0
53.9461
1
1
1
35.9640
Input
Operation
CLK_SEL
0 (default)
Selects CLK0 as PLL reference input.
1
Selects CLK1 as PLL reference input.
Input
Operation
MR
0 (default)
Normal operation, internal dividers and the output Q are enabled.
1
Internal dividers are reset. Q output is in logic low state (with OE = 1).
Input
Operation
MF
0 (default)
Selects MF = 22. The 2nd stage PLL (FemtoClock. multiplies the output frequency of the VCXO-PLL by 22.
1
Selects MF = 24. The 2nd stage PLL (FemtoClock. multiplies the output frequency of the VCXO-PLL by 24.


Similar Part No. - 810001-22_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
More results

Similar Description - 810001-22_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
   FemtoClock??Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
March 3, 2016
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
   FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
   FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
ICS813001I ICST-ICS813001I Datasheet
237Kb / 18P
   DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
logo
Renesas Technology Corp
813001I RENESAS-813001I Datasheet
464Kb / 21P
   Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
3/17/15
813321-04 RENESAS-813321-04 Datasheet
426Kb / 20P
   VCXO W/3.3V, 2.5V LVPECL FemtoClock™ PLL
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com